Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8574PW Datasheet(PDF) 20 Page - Texas Instruments

Part # PCF8574PW
Description  PCF8574 Remote 8-Bit I/O Expander for I2C Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCF8574PW Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCF8574PW Datasheet HTML 16Page - Texas Instruments PCF8574PW Datasheet HTML 17Page - Texas Instruments PCF8574PW Datasheet HTML 18Page - Texas Instruments PCF8574PW Datasheet HTML 19Page - Texas Instruments PCF8574PW Datasheet HTML 20Page - Texas Instruments PCF8574PW Datasheet HTML 21Page - Texas Instruments PCF8574PW Datasheet HTML 22Page - Texas Instruments PCF8574PW Datasheet HTML 23Page - Texas Instruments PCF8574PW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
VPOR is critical to the power-on reset. VPOR is the voltage level at which the reset condition is released and all
the registers and the I2C/SMBus state machine are initialized to their default states. The value of VPOR differs
based on the VCC being lowered to or from 0. Figure 8-9 and Table 8-1 provide more details on this specification.
V
CC
V
POR
V
PORF
Time
POR
Time
Figure 8-9. VPOR
8.4 Layout
8.4.1 Layout Guidelines
For printed circuit board (PCB) layout of the PCF8574 device, common PCB layout practices should be followed
but additional concerns related to high-speed data transfer such as matched impedances and differential pairs
are not a concern for I2C signal speeds.
In all PCB layouts, it is a best practice to avoid right angles in signal traces, to fan out signal traces away from
each other upon leaving the vicinity of an integrated circuit (IC), and to use thicker trace widths to carry higher
amounts of current that commonly pass through power and ground traces. By-pass and de-coupling capacitors
are commonly used to control the voltage on the VCC pin, using a larger capacitor to provide additional power
in the event of a short power supply glitch and a smaller capacitor to filter out high-frequency ripple. These
capacitors should be placed as close to the PCF8574 device as possible. These best practices are shown in
Figure 8-10.
For the layout example provided in Figure 8-10, it would be possible to fabricate a PCB with only 2 layers
by using the top layer for signal routing and the bottom layer as a split plane for power (VCC) and ground
(GND). However, a 4 layer board is preferable for boards with higher density signal routing. On a 4 layer PCB,
it is common to route signals on the top and bottom layer, dedicate one internal layer to a ground plane, and
dedicate the other internal layer to a power plane. In a board layout using planes or split planes for power and
ground, vias are placed directly next to the surface mount component pad which needs to attach to VCC or GND
and the via is connected electrically to the internal layer or the other side of the board. Vias are also used when
a signal trace needs to be routed to the opposite side of the board, but this technique is not demonstrated in
Figure 8-10.
PCF8574
SCPS068K – JULY 2001 – REVISED SEPTEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: PCF8574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com