Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA992IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA992IDBVR
Description  OPAx992 40V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA992IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA992IDBVR Datasheet HTML 4Page - Texas Instruments OPA992IDBVR Datasheet HTML 5Page - Texas Instruments OPA992IDBVR Datasheet HTML 6Page - Texas Instruments OPA992IDBVR Datasheet HTML 7Page - Texas Instruments OPA992IDBVR Datasheet HTML 8Page - Texas Instruments OPA992IDBVR Datasheet HTML 9Page - Texas Instruments OPA992IDBVR Datasheet HTML 10Page - Texas Instruments OPA992IDBVR Datasheet HTML 11Page - Texas Instruments OPA992IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
5.4 Thermal Information for Single Channel
THERMAL METRIC(1)
OPA992, OPA992S
UNIT
DBV
(SOT-23)
DCK
(SC70)
5 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
185.4
166.9
198.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
83.9
83.9
94.1
°C/W
RθJB
Junction-to-board thermal resistance
52.5
47.1
45.3
°C/W
ψJT
Junction-to-top characterization parameter
25.4
25.9
16.9
°C/W
ψJB
Junction-to-board characterization parameter
52.1
47.0
45.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Thermal Information for Dual Channel
THERMAL METRIC(1)
OPA2992, OPA2992S
Unit
D
(SOIC)
DDF
(SOT-23)
DGK
(VSSOP)
DSG
(WSON)
PW
(TSSOP)
RUG
(X2QFN)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
131.0
149.6
174.2
74.8
183.4
131.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
73.0
85.3
65.9
93.6
72.4
52.9
°C/W
RθJB
Junction-to-board thermal resistance
74.5
68.6
95.9
42.1
114.0
62.0
°C/W
ψJT
Junction-to-top characterization parameter
25.0
7.9
11.0
3.8
12.1
1.1
°C/W
ψJB
Junction-to-board characterization
parameter
73.8
68.4
94.4
41.9
112.3
61.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
N/A
N/A
N/A
17.0
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.6 Thermal Information for Quad Channel
THERMAL METRIC(1)
OPA4992
UNIT
D
(SOIC)
PW
(TSSOP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
99.0
118.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55.1
47.0
°C/W
RθJB
Junction-to-board thermal resistance
54.8
61.9
°C/W
ψJT
Junction-to-top characterization parameter
16.7
5.5
°C/W
ψJB
Junction-to-board characterization parameter
54.4
61.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
OPA992, OPA2992, OPA4992
SBOSA10F – JUNE 2021 – REVISED MARCH 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA992 OPA2992 OPA4992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com