Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5100APWR Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM5100APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5100APWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM5100APWR Datasheet HTML 26Page - Texas Instruments PCM5100APWR Datasheet HTML 27Page - Texas Instruments PCM5100APWR Datasheet HTML 28Page - Texas Instruments PCM5100APWR Datasheet HTML 29Page - Texas Instruments PCM5100APWR Datasheet HTML 30Page - Texas Instruments PCM5100APWR Datasheet HTML 31Page - Texas Instruments PCM5100APWR Datasheet HTML 32Page - Texas Instruments PCM5100APWR Datasheet HTML 33Page - Texas Instruments PCM5100APWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
PCM5xxx
Audio DAC
Linear
Regulator
3.3V
10 F
GND
GND
SMPS
6V
GND
XSMT
110V / 220V
MCU GPIO
“mute” signal
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
SLAS859C – MAY 2012 – REVISED MAY 2015
www.ti.com
Recommended Powerdown Sequence (continued)
Figure 38. Using the XSMT Pin
11.3 External Power Sense Undervoltage Protection Mode
NOTE
External Power Sense Undervoltage Protection Mode is supported only when DVDD = 3.3
V.
The XSMT pin can also be used to monitor a system voltage, such as the 24-VDC LCD TV backlight, or 12-VDC
system supply using a voltage divider created with two resistors. (See Figure 39 )
•
If the XSMT pin makes a transition from “1” to “0” over 6 ms or more, the device switches into external under-
voltage protection mode. This mode uses two trigger levels:
–
When the XSMT pin level reaches 2 V, soft mute process begins.
–
When the XSMT pin level reaches 1.2 V, analog mute engages, regardless of digital audio level, and
analog shutdown begins. (DAC and related circuitry powers down).
If XSMT is moved from "1" to "0" in 20 ns or less, then the device will interpret it as a digital controlled request to
mute. It will perform a soft mute, then move to standby.
A timing diagram to show this is shown in Figure 40.
NOTE
The XSMT input pin voltage range is from –0.3 V to DVDD+0.3 V. The ratio of external
resistors must produce a voltage within this input range. Any increase in power supply
(such as power supply positive noise or ripple) can pull the XSMT pin higher than
DVDD+0.3 V.
For example, if the PCM510xA is monitoring a 12-V input, and dividing the voltage by 4, then the voltage at
XSMT during ideal power supply conditions is 3.3 V. A voltage spike higher than 14.4 V causes a voltage greater
than 3.6 V (DVDD+0.3) on the XSMT pin, potentially damaging the device.
Providing the divider is set appropriately, any DC voltage can be monitored.
30
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com