Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5102APWG4 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM5102APWG4
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5102APWG4 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM5102APWG4 Datasheet HTML 25Page - Texas Instruments PCM5102APWG4 Datasheet HTML 26Page - Texas Instruments PCM5102APWG4 Datasheet HTML 27Page - Texas Instruments PCM5102APWG4 Datasheet HTML 28Page - Texas Instruments PCM5102APWG4 Datasheet HTML 29Page - Texas Instruments PCM5102APWG4 Datasheet HTML 30Page - Texas Instruments PCM5102APWG4 Datasheet HTML 31Page - Texas Instruments PCM5102APWG4 Datasheet HTML 32Page - Texas Instruments PCM5102APWG4 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
3.3V
XSMT
I2S Clocks
SCK, BCK, LRCK
3 ms
VDD
0V
High
Low
High
Low
Time
3.3V
XSMT
I
2
S Clocks
SCK, BCK, LRCK
150t + 0.2ms
S
VDD
0V
High
Low
High
Low
Time
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
www.ti.com
SLAS859C – MAY 2012 – REVISED MAY 2015
Recommended Powerdown Sequence (continued)
Figure 36. Assert XSMT
2. Stop I2S clocks (SCK, BCK, LRCK) 3 ms before powerdown as shown in Figure 37.
Figure 37. Stop I2C Clocks
11.2.2 Unplanned Shutdown
Many systems use a low-noise regulator to provide an AVDD 3.3-V supply for the DAC. The XSMT Pin can take
advantage of such a feature to measure the pre-regulated output from the system SMPS to mute the output
before the entire SMPS discharges. Figure 38 shows how to configure such a system to use the XSMT pin. The
XSMT pin can also be used in parallel with a GPIO pin from the system microcontroller/DSP or power supply.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com