Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASFLMPA Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASFLMPA
Description  Plastic SMD MEMS Clock Oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLMPA Datasheet(HTML) 2 Page - Abracon Corporation

  ASFLMPA Datasheet HTML 1Page - Abracon Corporation ASFLMPA Datasheet HTML 2Page - Abracon Corporation ASFLMPA Datasheet HTML 3Page - Abracon Corporation ASFLMPA Datasheet HTML 4Page - Abracon Corporation ASFLMPA Datasheet HTML 5Page - Abracon Corporation ASFLMPA Datasheet HTML 6Page - Abracon Corporation ASFLMPA Datasheet HTML 7Page - Abracon Corporation ASFLMPA Datasheet HTML 8Page - Abracon Corporation ASFLMPA Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ASFLMPA series
Plastic SMD MEMS Clock Oscillator
Revision: IR
Initial Release 9/2/2025
Page 2
Disclaimer
lign
Check Inventory
S
lign
Request Samples
Note 1
: VDD pin should be filtered with 0.1 μF capacitor.
Note 2: tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
Note 3: tDA: See the Output Waveforms and the Test Circuits sections for more information.
Note 4: Includes frequency variations due to initial tolerance, temperature and power supply voltage.
Note 5: Per year after first year
Parameters
Min.
Typ.
Max.
Units
Notes
Disable Time (tDA) Note 3
25
ns
Disable Current
2.5
5
µA
Power Down Option
23
mA
OE Option
Tri-state Function
(Standby/Disable)
"1" (VIH≥0.75*Vdd) or Open: Oscillation
"0" (VIL<0.25*Vdd): Hi Z
V
1.5MΩ pull-up
resistor embedded
Aging
-5.0
+5.0
ppm
First year @ 25°C
-1.0
+1.0
Note 5
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Current (Idd)
27
mA
CL= No Load, 100MHz
Output Logic Level
VOH
0.8*Vdd
V
IOH/IOL=±12mA
VOL
0.2*Vdd
V
Rise Time
Tr
1.2
ns
CL=15pF
20% to 80%
Fall Time
Tf
1.1
ns
Duty Cycle
45
55
%
Integrated Phase Jitter (JPH)
0.65
psRMS 12kHz ~ 20MHz @ 100MHz
Period Jitter (JPTP, pk-pk)
25
ps
@100MHz
Cycle-to-Cycle Jitter (JCC, Peak)
22
ps
@100MHz
Key Electrical Specifications - CMOS (VDD = 2.5V±10% or 3.3V±10%, T =-40 ~ +125°C)
Key Electrical Specifications Cont. - CMOS, LVPECL, LVDS, and HCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com