Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASWD-S2-0003 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASWD-S2-0003
Description  0.1~ 2.7GHz SPDT RF Switch with Enhanced ESD Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASWD-S2-0003 Datasheet(HTML) 2 Page - Abracon Corporation

  ASWD-S2-0003 Datasheet HTML 1Page - Abracon Corporation ASWD-S2-0003 Datasheet HTML 2Page - Abracon Corporation ASWD-S2-0003 Datasheet HTML 3Page - Abracon Corporation ASWD-S2-0003 Datasheet HTML 4Page - Abracon Corporation ASWD-S2-0003 Datasheet HTML 5Page - Abracon Corporation ASWD-S2-0003 Datasheet HTML 6Page - Abracon Corporation ASWD-S2-0003 Datasheet HTML 7Page - Abracon Corporation ASWD-S2-0003 Datasheet HTML 8Page - Abracon Corporation ASWD-S2-0003 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ASWD-S2-0003
0.1~ 2.7GHz SPDT RF Switch with Enhanced ESD Protection
Revision:
A 8/28/2025
Page 2
Disclaimer
lign
Check Inventory
Request Samples
lign
Request Samples
Absolute Maximum Ratings
1.
HBM: ESDA/JEDEC JS-001-2017
2.
CDM: ESDA/JEDEC JS-002-2018
Operation of this device outside the parameter ranges given above
may cause permanent damage.
Recommended Operating Conditions
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
RF Electrical Specifications
Parameter
Symbol
Min.
Typ.
Max.
Unit
Control Voltage
VCTL
-
-
6.0
V
Max Input Power
PINMAX
-
-
+33
dBm
Operating
Temperature
TOP
-40
-
85
℃
Storage
Temperature
TSTG
-65
-
150
℃
Moisture
Sensitivity Level
-
MSL3
-
Electrostatic
Discharge, HBM1
VESD
-
-
±1500
V
Electrostatic
Discharge, CDM2
-
-
±2000
V
Parameter
Min.
Typ.
Max.
Unit
VCTL
1.5
3.3
3.6
V
Pin (RFC –
X , W, 50 Ω
30
dBm
Tj at MTTF>105 hrs.
-
150
-
℃
Parameters
Condition
Values
Unit
Minimum
Typical
Maximum
Insertion Loss
IL
< 1.0 GHz
-
0.35
-
dB
1.0-2.0 GHz
-
0.55
-
2.0-2.7 GHz
-
1.60
-
Isolation
ISL
-
-
30
-
dB
Return Loss
RL
-
20
-
dB
Input P0.1dB
P0.1dB
-
32
-
dBm
2nd Harmonics
2f0
f=433MHz, Pin = 25dBm
-
-65
-
dBc
3rd Harmonics
3f0
f=433MHz, Pin = 25dBm
-
-52
-
dBc
Turn-on
switching time
tSW_ON
-
-
20
-
ns
Turn-off
switching time
tSW_Off
-
-
20
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com