Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS841S02BGIT Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS841S02BGIT
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S02BGIT Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS841S02BGIT Datasheet HTML 5Page - Integrated Device Technology ICS841S02BGIT Datasheet HTML 6Page - Integrated Device Technology ICS841S02BGIT Datasheet HTML 7Page - Integrated Device Technology ICS841S02BGIT Datasheet HTML 8Page - Integrated Device Technology ICS841S02BGIT Datasheet HTML 9Page - Integrated Device Technology ICS841S02BGIT Datasheet HTML 10Page - Integrated Device Technology ICS841S02BGIT Datasheet HTML 11Page - Integrated Device Technology ICS841S02BGIT Datasheet HTML 12Page - Integrated Device Technology ICS841S02BGIT Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
9
ICS841S02BGI REV. C NOVEMBER 1, 2007
ICS841S02I
PCI EXPRESS™ CLOCK GENERATOR
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
DIFFERENTIAL MEASUREMENT POINTS FOR DUTY CYCLE/PERIOD
CYCLE-TO-CYCLE JITTER
3.3V HCSL OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL MEASUREMENT POINTS FOR RISE/FALL TIME
RMS PERIOD JITTER
OUTPUT SKEW
tsk(o)
nSRCx
SRCx
nSRCy
SRCy
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
➤
➤
tcycle n
tcycle n+1
tjit(cc) = tcycle n – tcycle n+1
1000 Cycles
SRCT1:2
SRCC1:2
475
Ω
Measurement
Point
33
Ω
100
Ω
100
Ω
33
Ω
Measurement
Point
49.9
Ω
49.9
Ω
HCSL
GND
2pF
2pF
0V
3.3V±5%
V
DD_REF,
V
DD_SRC
3.3V±5%
V
DDA
Clock Period (Differential)
Positive Duty
Cycle (Differential)
Negative Duty
Cycle (Differential)
Q/nQ
0.0V
Q/nQ
VIL = -150mV
VIH = +150mV
0.0V
Fall Edge Rate
Rise Edge Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com