Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRP4020T-R47M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP4020T-R47M
Description  SRP4020T Series – Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4020T-R47M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP4020T-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4020T-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4020T-R47M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4020T-R47M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SRP4020T Series – Shielded Power Inductors
Packaging Specifications
330
(12.99)
DIA.
13.00 +0.5/-0.2
(.512 +.020/-.008)
5.5 ± 0.1
(.217 ± .004)
12.0 ± 0.3
(.472 ± .012)
8.0 ± 0.1
(.315 ± .004)
2.0 ± 0.5
(.079 ± .020)
3 PLCS.
4.0
(.157)
2.0
(.079)
1.5
(.059) DIA.
1.75
(.069)
5.0 ± 0.1
(.197 ± .004)
0.35 ± 0.05
(.014 ± .002)
2.3 ± 0.1
(.091 ± .004)
4.4 ± 0.1
(.173 ± .004)
3 °
12.4 +2/-0
(.488 +.079/-0)
100 ± 2
(3.937 ± .079)
DIA.
COVER TAPE
EMBOSSED CARRIER
USER DIRECTION OF FEED
QTY: 3,000 PCS PER REEL
DIMENSIONS:
MM
(INCHES)
Americas: Tel: +1 951-781-5500 • Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400 • Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
www.bourns.com
REV. 07/25
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com