Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRP4020T-R68M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP4020T-R68M
Description  SRP4020T Series – Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4020T-R68M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP4020T-R68M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4020T-R68M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4020T-R68M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4020T-R68M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SRP4020T Series – Shielded Power Inductors
Features
n
Shielded construction – low radiation
n
Carbonyl iron powder core
n
High saturation current
n
Low buzz noise
n
Inductance range: 0.47 to 10 µH
n
Rated current up to 11 A
n
RoHS compliant* and halogen free**
Applications
n
Power supplies
n
Consumer electronics
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
@ 100 KHz / 1 V
Q
100
MHz
SRF
(MHz)
DCR
(mW)
Irms
(A)
Isat
(A)
L (µH) Tol. (%) Min.
Typ.
Typ.
Max
Typ.
Typ.
SRP4020T-R47M
0.47
±20
10
105
8.0
8.6
11.0
16.0
SRP4020T-R68M
0.68
15
83
11
12.7
9.5
11.0
SRP4020T-1R0M
1.0
15
72
15.5
18.5
7.7
10.6
SRP4020T-1R5M
1.5
15
55
25
28.8
6.5
9.0
SRP4020T-2R2M
2.2
15
40
33
37.9
5.8
8.5
SRP4020T-3R3M
3.3
15
38
60
69
4.5
6.0
SRP4020T-4R7M
4.7
15
28
72
83.5
4.0
4.6
SRP4020T-6R8M
6.8
15
22
106
117
3.2
3.8
SRP4020T-100M
10.0
15
20
170
199
2.6
3.0
General Specifications
Operating Temperature
................................ -40 °C to +150 °C
Storage Temperature
................................ -40 °C to +150 °C
Temperature Rise ......40 °C at rated Irms
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Materials
Core......................Carbonyl core powder
Wire .............................Enameled copper
Terminal Finish ......................... Cu/Ni/Sn
Packaging..... 3,000 pcs. per 13-inch reel
Product Dimensions
3.95 ± 0.20
(.156 ± .008)
1.8 ± 0.2
(.071 ± .008)
4.45 ± 0.25
(.175 ± .010)
4.06 ± 0.25
(.160 ± .010)
0.76 ± 0.3
(.030 ± .012)
2.0 ± 0.2
(.079 ± .008)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
5.20
(.205)
2.20
(.087)
2.40
(.094)
How to Order
SRP4020T - R47 M
Model
Value Code
(see table)
Tolerance
M = ±20 %
Electrical Schematic
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - SRP4020T-R68M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP4020TA BOURNS-SRP4020TA Datasheet
220Kb / 4P
SRP4020TA Series - Shielded Power Inductors
SRP4020TA-100M BOURNS-SRP4020TA-100M Datasheet
220Kb / 4P
SRP4020TA Series - Shielded Power Inductors
SRP4020TA-150M BOURNS-SRP4020TA-150M Datasheet
220Kb / 4P
SRP4020TA Series - Shielded Power Inductors
SRP4020TA-1R0M BOURNS-SRP4020TA-1R0M Datasheet
220Kb / 4P
SRP4020TA Series - Shielded Power Inductors
SRP4020TA-1R2M BOURNS-SRP4020TA-1R2M Datasheet
220Kb / 4P
SRP4020TA Series - Shielded Power Inductors
More results

Similar Description - SRP4020T-R68M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
SRP1270 Series - Shielded Power Inductors
SRP0312 BOURNS-SRP0312 Datasheet
222Kb / 5P
SRP0312 Series - Shielded Power Inductors
SRP1245C BOURNS-SRP1245C Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1265C BOURNS-SRP1265C Datasheet
680Kb / 5P
SRP1265C Series - Shielded Power Inductors
SRP3020C BOURNS-SRP3020C Datasheet
208Kb / 5P
SRP3020C Series ??Shielded Power Inductors
SRP0410 BOURNS-SRP0410 Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0412 BOURNS-SRP0412 Datasheet
671Kb / 5P
SRP0412 Series - Shielded Power Inductors
SRP0415 BOURNS-SRP0415 Datasheet
591Kb / 5P
SRP0415 Series - Shielded Power Inductors
REV. 04/21
SRP0512 BOURNS-SRP0512 Datasheet
583Kb / 5P
SRP0512 Series - Shielded Power Inductors
REV. 04/21
SRP1265WA BOURNS-SRP1265WA Datasheet
696Kb / 5P
SRP1265WA Series - Shielded Power Inductors
01/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com