Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62XP Datasheet(PDF) 94 Page - STMicroelectronics

Part # L99PM62XP
Description  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L99PM62XP_V01 Datasheet HTML 90Page - STMicroelectronics L99PM62XP_V01 Datasheet HTML 91Page - STMicroelectronics L99PM62XP_V01 Datasheet HTML 92Page - STMicroelectronics L99PM62XP_V01 Datasheet HTML 93Page - STMicroelectronics L99PM62XP_V01 Datasheet HTML 94Page - STMicroelectronics L99PM62XP_V01 Datasheet HTML 95Page - STMicroelectronics L99PM62XP_V01 Datasheet HTML 96Page - STMicroelectronics L99PM62XP_V01 Datasheet HTML 97Page - STMicroelectronics L99PM62XP_V01 Datasheet HTML 98Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 94 / 98 page
background image
ST SPI
L99PM62XP
94/98
Doc ID 16363 Rev 4
3
Forced_sleep_WD
Device was forced to VBAT standby mode because of multiple
watchdog errors
Bits are latched until a
read and clear access
2
Forced_sleep_TSD
2_SHTV1
Device was forced to VBAT standby or multiple thermal
shutdown events
or
a short on V1 during startup.
1
WD_timer_state_1 Status of watchdog counter of selected watchdog timing
Bits are not clearable
0WD_timer_state_0
WD_timer_state_1
WD_timer_state_0
Counter
0
0
0 – 33%
0
1
33 – 66%
1
1
66 – 100%
Table 102. Status register 3, bits (continued)
Bit
Name
Comment
Information storage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com