Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T00S Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41T00S
Description  Serial real-time clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41T00S_V01 Datasheet HTML 20Page - STMicroelectronics M41T00S_V01 Datasheet HTML 21Page - STMicroelectronics M41T00S_V01 Datasheet HTML 22Page - STMicroelectronics M41T00S_V01 Datasheet HTML 23Page - STMicroelectronics M41T00S_V01 Datasheet HTML 24Page - STMicroelectronics M41T00S_V01 Datasheet HTML 25Page - STMicroelectronics M41T00S_V01 Datasheet HTML 26Page - STMicroelectronics M41T00S_V01 Datasheet HTML 27Page - STMicroelectronics M41T00S_V01 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Part numbering
M41T00S
26/28
DocID10772 Rev 7
7
Part numbering
For other options, or for more information on any aspect of this device, please contact the ST sales office nearest
you.
Table 16. Ordering information scheme
Example:
M41T
00S
M
6
F
Device type
M41T
Supply voltage and write protect voltage
00S = VCC = 2.7 to 5.5 V
Package
M = SO8
Temperature range
6 = –40 °C to 85 °C
Shipping method
E = ECOPACK® package, tubes(1)
1.
Not recommended for new design. Contact local ST sales office for availability.
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com