Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T00 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T00
Description  Serial real-time clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T00 Datasheet HTML 12Page - STMicroelectronics M41T00 Datasheet HTML 13Page - STMicroelectronics M41T00 Datasheet HTML 14Page - STMicroelectronics M41T00 Datasheet HTML 15Page - STMicroelectronics M41T00 Datasheet HTML 16Page - STMicroelectronics M41T00 Datasheet HTML 17Page - STMicroelectronics M41T00 Datasheet HTML 18Page - STMicroelectronics M41T00 Datasheet HTML 19Page - STMicroelectronics M41T00 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
M41T00 clock operation
M41T00
16/25
DocID6100 Rev 10
Therefore, each calibration step has the effect of adding 512 or subtracting 256 oscillator
cycles for every 125,829,120 actual oscillator cycles, that is +4.068 or –2.034 ppm of
adjustment per calibration step in the calibration register. Assuming that the oscillator is in
fact running at exactly 32768 Hz, each of the 31 increments in the calibration byte would
represent +10.7 or –5.35 seconds per month which corresponds to a total range of +5.5 or
–2.75 minutes per month.
Two methods are available for ascertaining how much calibration a given M41T00 may
require. The first involves simply setting the clock, letting it run for a month and comparing it
to a known accurate reference (like WWV broadcasts). While that may seem crude, it allows
the designer to give the end user the ability to calibrate his clock as his environment may
require, even after the final product is packaged in a non-user serviceable enclosure. All the
designer has to do is provide a simple utility that accessed the calibration byte.
The second approach is better suited to a manufacturing environment, and involves the use
of some test equipment. When the frequency test (FT) bit, the seventh-most significant bit in
the control register, is set to a '1', and the oscillator is running at 32768 Hz, the FT/OUT pin
of the device will toggle at 512 Hz. Any deviation from 512 Hz indicates the degree and
direction of oscillator frequency shift at the test temperature.
For example, a reading of 512.01024 Hz would indicate a +20 ppm oscillator frequency
error, requiring a –10(XX00 1010b) to be loaded into the calibration byte for correction. Note
that setting or changing the calibration byte does not affect the frequency test output
frequency.
Figure 12. Crystal accuracy across temperature
AI00999b
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
ΔF
= K x (T –TO)
2
K = –0.036 ppm/
°C2 ± 0.006 ppm/°C2
TO = 25°C ± 5°C
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com