Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM Datasheet(PDF) 1 Page - Electrolube

Part # PCM
Description  Peelable Coating Mask
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELECTROLUBE [Electrolube]
Direct Link  https://electrolube.com/
Logo ELECTROLUBE - Electrolube

PCM Datasheet(HTML) 1 Page - Electrolube

  PCM Datasheet HTML 1Page - Electrolube PCM Datasheet HTML 2Page - Electrolube  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
PCM
Peelable Coating Mask
PCM is a flexible, solvent resistant latex for masking components, connectors and other items during the
conformal coating process. It is also suitable as a spot mask for wave soldering applications. The high film
strength of PCM means that it can be peeled by hand without breaking or leaving residues.
•
Flexible latex with high film strength; leaves no residue even when removed from complex areas
•
Allows selective coating of circuit boards; masks components and connectors during coating application
•
Prevents coating ingress into connectors and components due to the capillary effect
•
Suitable for use with dip, spray or brush applied conformal coatings
Approvals
RoHS-2 Compliant (2011/65/EU):
Yes
Liquid Properties
Density @ 20°C (g/ml):
1.20
Solids Content:
70-74%
Viscosity Brookfield LVT (mPa s):
30,000 to 60,000
Ammonia Content:
0.29% Max
pH:
10 - 11
Drying Time (2mm thickness):
2 hours @ 25°C
or, 30 mins @ 60°C
Cured Properties
Tensile Strength:
16.57 MN/m
2
Elongation at Break:
900%
Modulus @ 300%:
0.88 MN/m
2
Modulus @ 700%:
6.18 MN/m
2
Description
Packaging
Order Code
Shelf Life
Peelable Coating Mask
250ml Bottle
PCM250ML
12 Months


Similar Part No. - PCM

ManufacturerPart #DatasheetDescription
logo
C&K Components
PCM CK-COMPONENTS-PCM Datasheet
291Kb / 2P
Ultraminiature Surface Mount Slide Switches
PCM CK-COMPONENTS-PCM Datasheet
322Kb / 3P
Ultraminiature Surface Mount Slide Switches
16 Mar 22
logo
Nichicon corporation
PCM NICHICON-PCM Datasheet
1Mb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
PANDUIT CORP.
PCM PANDUIT-PCM Datasheet
114Kb / 2P
Vinyl Coated Cloth Tape – GMC
16JUL12
logo
C&K Components
PCM CK-COMPONENTS-PCM Datasheet
201Kb / 2P
Ultraminiature Surface Mount Slide Switches
More results

Similar Description - PCM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3140RTV VISHAY-3140RTV Datasheet
114Kb / 1P
Protective Coating
10-Jan-03
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
Protective Coating
25-May-05
logo
Freescale Semiconductor...
MSE9S08QG8 FREESCALE-MSE9S08QG8 Datasheet
49Kb / 8P
Mask Set Errata for Mask 3M77B
logo
Extech Instruments Corp...
CG204 EXTECH-CG204 Datasheet
162Kb / 1P
Coating Thickness Tester
logo
Ohmite Mfg. Co.
RES-270 OHMITE-RES-270 Datasheet
385Kb / 2P
Flame resistant coating
logo
OSRAM GmbH
66140CBI35WPK OSRAM-66140CBI35WPK Datasheet
138Kb / 4P
Blue effect without coating
logo
Laird Tech Smart Techno...
COATING-300 LSTD-COATING-300 Datasheet
107Kb / 2P
Two part Polyurethane Coating
FG1623 LSTD-FG1623 Datasheet
399Kb / 1P
Custom UV protection coating
FG4103 LSTD-FG4103 Datasheet
591Kb / 2P
Custom UV protection coating
logo
List of Unclassifed Man...
4223 ETC-4223 Datasheet
162Kb / 5P
Urethane Conformal Coating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com