Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC106 Datasheet(PDF) 16 Page - STMicroelectronics

Part # FC106
Description  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button FC106 Datasheet HTML 12Page - STMicroelectronics FC106 Datasheet HTML 13Page - STMicroelectronics FC106 Datasheet HTML 14Page - STMicroelectronics FC106 Datasheet HTML 15Page - STMicroelectronics FC106 Datasheet HTML 16Page - STMicroelectronics FC106 Datasheet HTML 17Page - STMicroelectronics FC106 Datasheet HTML 18Page - STMicroelectronics FC106 Datasheet HTML 19Page - STMicroelectronics FC106 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
FC106
Revision 1.2
16/32
September 98
4
Serial I/O Electrical Model
This simplified model is given for typical board simulation, within 15% precision. The
termination at the receiving end can be either internal or external, following Section 3.13.
Figure 4.1
Serial I/O electrical schematic diagram
50
Ω CONFIGURATI ON
75
Ω CONFIGURATION
R1
100
Ω
150
Ω
Rout
200
Ω
300
Ω
Rc
100
Ω if external termination
150
Ω if external termination
Rin
100
Ω if internal termination
150
Ω if internal termination
TO DESERIALIZER
0.01
µF(optional)
1.5K
Ω
Tr
R1
Tf
R1
Rout
1pF
1pF
Zc = 40
Ω
Td = 0.15nS
Zc = 40
Ω
Td = 0.15nS
Zc = 60
Ω
Td = 0.15nS
Zc = 60
Ω
Td = 0.15nS
0.01
µF(optional)
0.5pF
0.5pF
Rc
1.5K
Ω
1.5K
Ω
Tr = Tf = 0.2nS
Vdd
Vss
Vdd
Vss
1.5K
Ω
Simplified serial
transmitter model
Simplified QFP64
package model
Your board and/or
cable/connector model
Simplified QFP64
package model
Simplified serial
receiver model
PARAMETER VALUES
FOR TYP ICAL
SIMULATIO N
Rin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com