Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321AP5X Datasheet(PDF) 2 Page - ON Semiconductor

Part # LMV321AP5X
Description  General-Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321AP5X Datasheet(HTML) 2 Page - ON Semiconductor

  LMV321AP5X Datasheet HTML 1Page - ON Semiconductor LMV321AP5X Datasheet HTML 2Page - ON Semiconductor LMV321AP5X Datasheet HTML 3Page - ON Semiconductor LMV321AP5X Datasheet HTML 4Page - ON Semiconductor LMV321AP5X Datasheet HTML 5Page - ON Semiconductor LMV321AP5X Datasheet HTML 6Page - ON Semiconductor LMV321AP5X Datasheet HTML 7Page - ON Semiconductor LMV321AP5X Datasheet HTML 8Page - ON Semiconductor LMV321AP5X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LMV321 / LMV358 / LMV324 Rev. 2.10
June 2015
Frequency Response vs. CL
Frequency (MHz)
0.01
0.1
1
10
CL = 200pF
Rs = 0
CL = 20pF
Rs = 0
CL = 200pF
Rs = 225Ω
CL = 100pF
Rs = 0
CL = 10pF
Rs = 0
CL = 2pF
Rs = 0
CL = 50pF
Rs = 0
+
-
10k
Ω
10k
Ω
Rs
CL
2k
Ω
LMV321 / LMV358 / LMV324
General-Purpose, Low Voltage, Rail-to-Rail Output
Amplifiers
Features at +2.7V
• 80
μA Supply Current per Channel
• 1.2 MHz Gain Bandwidth Product
• Output Voltage Range: 0.01 V to 2.69 V
• Input Voltage Range: -0.25 V to +1.5 V
• 1.5 V/
μs Slew Rate
• LMV321 Directly Replaces Other Industry Standard
LMV321 Amplifiers: Available in SC70-5 and
SOT23-5 Packages
• LMV358 Directly Replaces Other Industry Standard
LMV358 Amplifiers: Available in MSOP-8 and
SOIC-8 Packages
• LMV324 Directly Replaces Other Industry Standard
LMV324 Amplifiers: Available in SOIC-14 Packages
• Fully Specified at +2.7 V and +5 V Supplies
• Operating Temperature Range: -40°C to +125°C
Applications
• Low Cost General-Purpose Applications
• Cellular Phones
• Personal Data Assistants
• A/D Buffer
• DSP Interface
• Smart Card Readers
• Portable Test Instruments
• Keyless Entry
• Infrared Receivers for Remote Controls
• Telephone Systems
• Audio Applications
• Digital Still Cameras
• Hard Disk Drives
• MP3 Players
Description
The LMV321 (single), LMV358 (dual), and LMV324
(quad) are a low cost, voltage feedback amplifiers that
consume only 80
μA of supply current per amplifier. The
LMV3XX family is designed to operate from 2.7 V (±1.35
V) to 5.5 V (±2.75 V) supplies. The common mode volt-
age range extends below the negative rail and the output
provides rail-to-rail performance.
The LMV3XX family is designed on a CMOS process
and provides 1.2 MHz of bandwidth and 1.5 V/
μs of slew
rate at a low supply voltage of 2.7 V. The combination of
low power, rail-to-rail performance, low voltage opera-
tion, and tiny pack-age options make the LMV3XX family
well suited for use in personal electronics equipment
such as cellular handsets, pagers, PDAs, and other bat-
tery powered applications.
Typical Application
+
-
LMV3XX
Rf
0.01
μF
6.8
μF
Out
+In
+Vs
+
Rg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com