Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC5064N Datasheet(PDF) 8 Page - STMicroelectronics

Part # ETC5064N
Description  POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5064N Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ETC5064N Datasheet HTML 4Page - STMicroelectronics ETC5064N Datasheet HTML 5Page - STMicroelectronics ETC5064N Datasheet HTML 6Page - STMicroelectronics ETC5064N Datasheet HTML 7Page - STMicroelectronics ETC5064N Datasheet HTML 8Page - STMicroelectronics ETC5064N Datasheet HTML 9Page - STMicroelectronics ETC5064N Datasheet HTML 10Page - STMicroelectronics ETC5064N Datasheet HTML 11Page - STMicroelectronics ETC5064N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
All TIMING SPECIFICATIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
1/tPM
Frequency of master clocks
MCLKX and MCLKR
Depends on the device used and the
BCLKR/CLKSEL Pin
1.536
2.048
1.544
MHz
tWMH
Width of Master Clock High
MCLKX and MCLKR
160
ns
tWML
Width of Master Clock Low
MCLKX and MCLKR
160
ns
tRM
Rise Time of Master Clock
MCLKX and MCLKR
50
ns
tFM
Fall Time of Master Clock
MCLKX and MCLKR
50
ns
tPB
Period of Bit Clock
485
488
15.725
ns
tWBH
Width of Bit Clock High (VIH = 2.2 V)
160
ns
tWBL
Width of Bit Clock Low (VIL = 0.6 V)
160
ns
tRB
Rise Time of Bit Clock (tPB = 488 ns)
50
ns
tFB
Fall Time of Bit Clock (tPB = 488 ns)
50
ns
tSBFM
Set-up time from BCLKX high to MCLKX falling edge.
(first bit clock after the leading edge of FSX)
100
ns
tHBF
Holding Time from Bit Clock Low to the Frame Sync
(long frame only)
0ns
tSFB
Set-up Time from Frame Sync to Bit Clock (long frame only)
80
ns
tHBFI
Hold Time from 3rd Period of Bit Clock
FSX or FSR
Low to Frame Sync (long frame only)
100
ns
tDZF
Delay Time to valid data from FSX or BCLKX, whichever
comes later and delay time from FSX to data output disabled
(CL = 0 pF to 150 pF)
20
165
ns
tDBD
Delay Time from BCLKX high to data valid
(load = 150 pF plus 2 LSTTL loads)
0
150
ns
tDZC
Delay Time from BCLKX low to data output disabled
50
165
ns
tSDB
Set-up Time from DR valid to BCLKR/X low
50
ns
tHBD
Hold Time from BCLKR/X low to DR invalid
50
ns
tHOLD
Holding Time from Bit Clock High to Frame Sync (short frame only)
0
ns
tSF
Set-up Time from FSX/R to BCLKX/R Low
(short frame sync pulse) - Note 1
80
ns
tHF
Hold Time from BCLKX/R Low to FSX/R Low
(short frame sync pulse) - Note 1
100
ns
tXDP
Delay Time to TSX low (load = 150 pF plus 2 LSTTI loads)
140
ns
tWFL
Minimum Width of the Frame Sync Pulse (low level)
(64 bit/s operating mode)
160
ns
Note : 1.For short frame sync timing. FSX and FSR must go high while their respective bit clocks are high.
Figure 1 : 64 k bits/s TIMING DIAGRAM. (see next page for complete timing)
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
8/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com