| Electronic Components Datasheet Search |
|
REF2033 Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF2033 Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 37 page ![]() 12 Layout 12.1 Layout Guidelines Figure 12-1 shows an example of a PCB layout for a data acquisition system using the REF2030. Some key considerations are: • Connect low-ESR, 0.1-μF ceramic bypass capacitors at VIN, VREF, and VBIAS of the REF2030. • Decouple other active devices in the system per the device specifications. • Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup. • Place the external components as close to the device as possible. This configuration prevents parasitic errors (such as the Seebeck effect) from occurring. • Minimize trace length between the reference and bias connections to the INA and ADC to reduce noise pickup. • Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if possible, and only make perpendicular crossings when absolutely necessary. 12.2 Layout Example C C C V REF V IN REF DIG1 Microcontroller A/D Input Via to GND Plane Via to Input Power Analog Input V BIAS GND EN REF V+ GND OUT IN- IN+ AIN C C Figure 12-1. Layout Example REF2025, REF2030, REF2033, REF2041 SBOS600E – JULY 2018 – REVISED FEBRUARY 2022 www.ti.com 26 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: REF2025 REF2030 REF2033 REF2041 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |