Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2925 Datasheet(PDF) 23 Page - Texas Instruments

Part # REF2925
Description  REF29xx 100 ppm/°C, 50 μA in 3-Pin SOT-23 CMOS Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 23 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 19Page - Texas Instruments REF2925 Datasheet HTML 20Page - Texas Instruments REF2925 Datasheet HTML 21Page - Texas Instruments REF2925 Datasheet HTML 22Page - Texas Instruments REF2925 Datasheet HTML 23Page - Texas Instruments REF2925 Datasheet HTML 24Page - Texas Instruments REF2925 Datasheet HTML 25Page - Texas Instruments REF2925 Datasheet HTML 26Page - Texas Instruments REF2925 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
REF2912AIDBZR
SOT-23
DBZ
3
3000
200.0
183.0
25.0
REF2912AIDBZT
SOT-23
DBZ
3
250
200.0
183.0
25.0
REF2920AIDBZR
SOT-23
DBZ
3
3000
200.0
183.0
25.0
REF2920AIDBZT
SOT-23
DBZ
3
250
200.0
183.0
25.0
REF2925AIDBZR
SOT-23
DBZ
3
3000
200.0
183.0
25.0
REF2925AIDBZT
SOT-23
DBZ
3
250
200.0
183.0
25.0
REF2930AIDBZR
SOT-23
DBZ
3
3000
200.0
183.0
25.0
REF2930AIDBZT
SOT-23
DBZ
3
250
200.0
183.0
25.0
REF2933AIDBZR
SOT-23
DBZ
3
3000
200.0
183.0
25.0
REF2933AIDBZT
SOT-23
DBZ
3
250
200.0
183.0
25.0
REF2940AIDBZR
SOT-23
DBZ
3
3000
200.0
183.0
25.0
REF2940AIDBZT
SOT-23
DBZ
3
250
200.0
183.0
25.0
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Jan-2021
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com