| Electronic Components Datasheet Search |
|
REF6041 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF6041 Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 38 page ![]() ±121339 ±121338 ±121337 ±121336 ±121335 ±121334 0 20 40 60 80 100 Time (µs) C048 121405 121406 121407 121408 121409 121410 0 20 40 60 80 100 Time (µs) C047 16 REF6025, REF6030, REF6033, REF6041, REF6045, REF6050 SBOS708B – MAY 2016 – REVISED AUGUST 2016 www.ti.com Product Folder Links: REF6025 REF6030 REF6033 REF6041 REF6045 REF6050 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 8.3 Reference Droop Measurements Many applications, such as event-triggered and multiplexed data-acquisition systems, require the very first conversion of the ADC to have 18-bit or greater precision. These types of data-acquisition systems capture data in bursts, and are also called burst-mode, data-acquisition systems. Achieving 18-bit precision for the first sample is a very difficult using a conventional voltage reference because the voltage reference droop limits the accuracy of the first few conversions. The REF60xx have an integrated ADC drive buffer that makes sure the reference droop is less than 1 LSB at 18-bit precision when used with the ADS8881, even at full throughput. Figure 44 and Figure 45 show the REF60xx output voltage droop when driving the REF pin of the ADS8881 at positive and negative full-scale inputs, respectively. REF6050 driving REF pin of ADS8881 operating at 1 MSPS, positive full-scale input to ADS8881 Figure 44. Output Voltage Droop REF6050 driving REF pin of ADS8881 operating at 1 MSPS, negative full-scale input to ADS8881 Figure 45. Output Voltage Droop Direct measurement of the reference droop to 18-bit accuracy can be a challenging process. Therefore, the plots in Figure 44 and Figure 45 were obtained by processing the output code of the ADC. The ADC output code is given by: C = (Input Voltage / VREF) × 2 N (2) If the input voltage is kept constant, VREF is computed by monitoring the ADC output code C. The ADC code usually has six to seven LSBs of code spread due to the inherent noise of the ADC. In order to measure reference droop, this noise must be reduced drastically. Noise reduction is done by averaging the output code multiple times, as described in the next paragraph. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |