Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6045 Datasheet(PDF) 8 Page - Texas Instruments

Part # REF6045
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6045 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF6045 Datasheet HTML 4Page - Texas Instruments REF6045 Datasheet HTML 5Page - Texas Instruments REF6045 Datasheet HTML 6Page - Texas Instruments REF6045 Datasheet HTML 7Page - Texas Instruments REF6045 Datasheet HTML 8Page - Texas Instruments REF6045 Datasheet HTML 9Page - Texas Instruments REF6045 Datasheet HTML 10Page - Texas Instruments REF6045 Datasheet HTML 11Page - Texas Instruments REF6045 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
750
770
790
810
830
850
870
2
3
4
5
6
Input Voltage (V)
C020
2 V/div
Time (100 ms/div)
C018
V
REF
EN
0
2
4
6
8
±50
±25
0
25
50
75
100
125
Temperature (ºC)
C01
650
700
750
800
850
900
950
1000
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
C019
0
2
4
6
8
10
12
14
±50
±25
0
25
50
75
100
125
Temperature (ºC)
C007
0
2
4
6
8
10
12
14
±50
±25
0
25
50
75
100
125
Temperature (ºC)
C006
8
REF6025, REF6030, REF6033, REF6041, REF6045, REF6050
SBOS708B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6025 REF6030 REF6033 REF6041 REF6045 REF6050
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, IL = 0 mA, and VIN = 5 V, using REF6025 (unless otherwise noted)
VIN = VOUT + 600 mV,
IL = 0 mA to 4 mA
Figure 7. Load Regulation Sourcing vs Temperature
VIN = VOUT + 600 mV,
IL = 0 mA to 4 mA
Figure 8. Load Regulation Sinking vs Temperature
VOUT + 0.25 V ≤ VIN ≤ 5.5 V
Figure 9. Line Regulation vs Temperature
Figure 10. Supply Current vs Temperature
Figure 11. Supply Current vs Input Voltage
Figure 12. Turn-On Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com