| Electronic Components Datasheet Search |
|
REF3220AIDBVT.B Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF3220AIDBVT.B Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 21 page ![]() 1 GND_F GND_S 3 2 ENABLE 5 6 4 OUT_S IN OUT_F REF3212, REF3220 REF3225, REF3230 REF3233, REF3240 SBVS058C – JUNE 2005 – REVISED AUGUST 2011 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE INFORMATION(1) PACKAGE PRODUCT OUTPUT VOLTAGE PACKAGE-LEAD DESIGNATOR PACKAGE MARKING REF3212 1.25V SOT23-6 DBV R32A REF3220 2.048V SOT23-6 DBV R32B REF3225 2.5V SOT23-6 DBV R32C REF3230 3.0V SOT23-6 DBV R32D REF3233 3.3V SOT23-6 DBV R32E REF3240 4.096 SOT23-6 DBV R32F (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the device product folder at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range (unless otherwise noted). REF32xx UNIT Input voltage +7.5 V Output short-circuit Continuous Operating temperature –55 to +135 °C Storage temperature –65 to +150 °C Junction temperature +150 °C Human body model (HBM) 4 kV ESD ratings Charged device model (CDM) 1 kV Machine model (MM) 400 V (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. PIN DESCRIPTIONS PIN CONFIGURATION PIN NAME NO. FUNCTION DESCRIPTION DBV PACKAGE SOT23-6 This pin enables and ENABLE 3 Digital input (TOP VIEW) disables the device Ground connection of the GND_F 1 Analog output device GND_S 2 Analog input Ground sense at the load IN 4 Analog input Positive supply voltage Output of Reference OUT_F 6 Analog output Voltage Sense connection at the NOTE:: The location of pin 1 on the REF32xx is OUT_S 5 Analog input load determined by orienting the package marking as shown in the diagram above. 2 Copyright © 2005–2011, Texas Instruments Incorporated |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |