Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES11A10DDFR Datasheet(PDF) 22 Page - Texas Instruments

Part # RES11A10DDFR
Description  RES11A Matched, Thin-Film Resistor Dividers With 1kΩ Inputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RES11A10DDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button RES11A10DDFR Datasheet HTML 18Page - Texas Instruments RES11A10DDFR Datasheet HTML 19Page - Texas Instruments RES11A10DDFR Datasheet HTML 20Page - Texas Instruments RES11A10DDFR Datasheet HTML 21Page - Texas Instruments RES11A10DDFR Datasheet HTML 22Page - Texas Instruments RES11A10DDFR Datasheet HTML 23Page - Texas Instruments RES11A10DDFR Datasheet HTML 24Page - Texas Instruments RES11A10DDFR Datasheet HTML 25Page - Texas Instruments RES11A10DDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Voltage (V)
5
10
15
20
25
30
35
40
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
RIN1 Error
RIN2 Error
RG1 Error
RG2 Error
Figure 7-9. Resistor Actual-to-expected Mismatch
vs Divider Voltage, Absolute
Voltage (V)
5
10
15
20
25
30
35
40
-100
-80
-60
-40
-20
0
20
40
60
80
100
RIN1 Error
RIN2 Error
RG1 Error
RG2 Error
Figure 7-10. Resistor Actual-to-expected Mismatch
vs Divider Voltage, Normalized
This exercise is repeated for each Rx, tD1, tD2, and tM, to calculate the voltage coefficients associated with each
parameter. For example, the RES11A has a typical absolute voltage coefficient of approximately ±0.24Ω/V for
RIN and RG. When considered in ratiometric terms, the typical voltage coefficient of tD1 or tD2 is ±0.4ppm/V, and
the voltage coefficient of tM is ±0.24ppm/V.
7.3.4 Ultra-Low Noise
Noise in resistors can be evaluated in two separate regions: low-frequency flicker noise and wideband thermal
noise. Flicker, or 1/f noise, is extremely important for systems that require signal gain at frequencies less
than 100Hz. The flicker noise for thin-film resistors, including the RES11A, is lower than that of thick-film
resistor processes. Thermal noise typically dominates in the region greater than 1kHz, and increases as resistor
magnitude increases. Noise is modeled as a voltage source in series with the resistor.
For a resistive divider such as the RES11A, the thermal noise as measured at the center tap of two resistors RIN
and RG is equivalent to the thermal noise of a resistor with value RIN || RG:
eN= 4kBTR
(18)
where:
• eN is the thermal noise density in nV/√Hz
• T is the absolute temperature in kelvins (K)
• kB is the Boltzmann constant, 1.381 × 10-23J/K
• R = RIN || RG
As an example, for the RES11A40 at 25°C:
eN= 4kBTR = 4×1.38E−23JK×278K× 1kΩ∥4kΩ =3.5nV/ Hz
(19)
7.4 Device Functional Modes
The RES11A is typically used with two independently biased resistor dividers. RIN1 and RG1 in series form a
resistive divider, with RIN2 and RG2 in series forming another divider. However, the two dividers do not have to be
used independently. The resistors can be connected in series or in parallel like any other resistor.
Use one of the two GND pins to bias the part substrate. Connect the substrate to signal ground or a similar
low-impedance bias point or plane for best noise rejection. While two GND/SUB connection pins are available on
the device, connect only one of these to the ground plane. The two GND pins are internally connected through
the substrate, which is not intended to conduct significant currents. Connect only one GND pin at a time and
leave the other pin floating to prevent current return paths from developing through the substrate.
RES11A
SLPS785A – DECEMBER 2023 – REVISED OCTOBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: RES11A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com