Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5020AID Datasheet(PDF) 18 Page - Texas Instruments

Part # REF5020AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5020AID Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF5020AID Datasheet HTML 14Page - Texas Instruments REF5020AID Datasheet HTML 15Page - Texas Instruments REF5020AID Datasheet HTML 16Page - Texas Instruments REF5020AID Datasheet HTML 17Page - Texas Instruments REF5020AID Datasheet HTML 18Page - Texas Instruments REF5020AID Datasheet HTML 19Page - Texas Instruments REF5020AID Datasheet HTML 20Page - Texas Instruments REF5020AID Datasheet HTML 21Page - Texas Instruments REF5020AID Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
6.8 Typical Characteristics: REF50xxEI (continued)
at TA = 25°C, VIN = VEN = VOUT + 0.5V, IL = 0mA, COut = 10μF, CNR = Open, CIN = 0.1μF,
Input Voltage (V)
0
4
8
12
16
20
0
0.3
0.6
0.9
1.2
1.5
VEN_HIGH
VEN_LOW
Figure 6-43. Enable Threshold vs VIN
Te mperature (
C)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
300
350
400
IL = 10 mA
IL = 5 mA
IL = 0 mA
Figure 6-44. Dropout Voltage vs Temperature
Flicker Noise (ppmp-p)
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Figure 6-45. 0.1Hz to 10Hz Voltage Noise Distribution
(CNR = Open)
Figure 6-46. Noise Performance 10Hz to 100kHz
(CNR = Open)
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
0
25
50
75
100
125
COUT = 1 µF
COUT = 10 µF
COUT = 100 µF
Figure 6-47. Power-Supply Rejection Ratio vs Frequency
Hysteresis (ppm)
0
5
10
15
20
25
30
35
Figure 6-48. Thermal Hysteresis Distribution: Cycle 1
(-40°C to 125°C)
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com