| Electronic Components Datasheet Search |
|
REF3425IDBVR.B Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF3425IDBVR.B Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 31 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Jun-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) REF3425IDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-250C-1 YEAR -40 to 125 19ED REF3425IDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-250C-1 YEAR -40 to 125 19ED REF3425IDBVRG4 Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-250C-1 YEAR -40 to 125 19ED REF3425IDBVRG4.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-250C-1 YEAR -40 to 125 19ED REF3425TIDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2EVC REF3425TIDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2EVC REF3430IDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1H6D REF3430IDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1H6D REF3430TIDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2EUC REF3430TIDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2EUC REF3433IDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1H5D REF3433IDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1H5D REF3433TIDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2ETC REF3433TIDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2ETC REF3440IDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1MJD REF3440IDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1MJD REF3440TIDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2ESC REF3440TIDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2ESC REF3450IDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1MKD REF3450IDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 1MKD REF3450TIDBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2ERC REF3450TIDBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2ERC (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |