Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5040AID Datasheet(PDF) 9 Page - Texas Instruments

Part # REF5040AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5040AID Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF5040AID Datasheet HTML 5Page - Texas Instruments REF5040AID Datasheet HTML 6Page - Texas Instruments REF5040AID Datasheet HTML 7Page - Texas Instruments REF5040AID Datasheet HTML 8Page - Texas Instruments REF5040AID Datasheet HTML 9Page - Texas Instruments REF5040AID Datasheet HTML 10Page - Texas Instruments REF5040AID Datasheet HTML 11Page - Texas Instruments REF5040AID Datasheet HTML 12Page - Texas Instruments REF5040AID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
6.6 Electrical Characteristics REF50xxEI
At TA = 25°C, ILOAD = 0, CL = 1μF and VIN = VEN = (VOUT + 0.25V) , unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE
VOUT
Output Voltage
REF5025E
2.5
V
REF5030E
3.0
V
REF5040E
4.096
V
REF5045E
4.5
V
REF5050E
5
V
IA
Initial accuracy
All voltage options
–0.025
0.025
%
dVOUT/dT
TA = –40°C to 125°C
2.5
ppm/
℃
NOISE
enpp
Low Frequency noise
ƒ = 0.1Hz to 10Hz
0.5
µVPP/V
en
Output Voltage Noise
ƒ = 10Hz to 1kHz
0.8
µVrms/V
LINE REGULATION
ΔVO(ΔVI)
Line regulation
VIN = (VOUT + 0.2V) to 42V
1
3
ppm/V
VIN = VOUT + 0.2V to 42V, TA = –40°C to 125°C
1
5
LOAD REGULATION
ΔVO(ΔIL)
Load regulation
–10mA < IOUT < 10mA, VIN = VOUT + 0.75V
5
25
ppm/mA
10mA < IOUT < 10mA, VIN = VOUT + 0.75V, TA =
–40°C to 125°C
35
SHORT-CIRCUIT CURRENT
ISC
Short circuit current
VOUT = 0
21
mA
THERMAL HYSTERESIS AND LONG-TERM STABILITY
TH
SOIC-8
Cycle 1
80
ppm
SOIC-8
Cycle 2
20
ppm
LONG-TERM STABILITY
ΔVOUT_LTD SOIC-8
0 to 1000 hours
25
ppm
1000 to 2000 hours
10
ppm
TEMP PIN
Voltage output
625
mV
Temperature sensitivity
TA = -40°C to 125°C
2.64
mV/°C
TURN-ON SETTLING TIME
Turn-on settling time
To 0.1% with CL = 1μF
400
μs
CAPACITIVE LOAD
CIN
Stable input capacitor
range
–40
℃ ≤ TA ≤ 125℃
0.1
µF
CL
Stable output capacitor
range
–40
℃ ≤ TA ≤ 125℃
1
100
µF
POWER SUPPLY
VS
Supply voltage
See note
VOUT + 0.2
42
V
Quiescent current
340
μA
–40°C ≤ TA ≤ 125°C
480
μA
Quiescent
current
Shunt down current
VEN = 0V
10
μA
Enable
Voltage
VEN
Active mode (EN = 1)
1.6
V
Shutdown Mode (EN = 0)
0.5
V
TEMPERATURE RANGE
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com