Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3230AIDBVT.B Datasheet(PDF) 19 Page - Texas Instruments

Part # REF3230AIDBVT.B
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3230AIDBVT.B Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF3230AIDBVT.B Datasheet HTML 13Page - Texas Instruments REF3230AIDBVT.B Datasheet HTML 14Page - Texas Instruments REF3230AIDBVT.B Datasheet HTML 15Page - Texas Instruments REF3230AIDBVT.B Datasheet HTML 16Page - Texas Instruments REF3230AIDBVT.B Datasheet HTML 17Page - Texas Instruments REF3230AIDBVT.B Datasheet HTML 18Page - Texas Instruments REF3230AIDBVT.B Datasheet HTML 19Page - Texas Instruments REF3230AIDBVT.B Datasheet HTML 20Page - Texas Instruments REF3230AIDBVT.B Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MAX
ARROUND
0.07 MIN
ARROUND
6X (1.1)
6X (0.6)
(2.6)
2X (0.95)
(R0.05) TYP
4214840/G 08/2024
SOT-23 - 1.45 mm max height
DBV0006A
SMALL OUTLINE TRANSISTOR
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:15X
PKG
1
3
4
5
2
6
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com