Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6041IDGKT Datasheet(PDF) 6 Page - Texas Instruments

Part # REF6041IDGKT
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6041IDGKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF6041IDGKT Datasheet HTML 2Page - Texas Instruments REF6041IDGKT Datasheet HTML 3Page - Texas Instruments REF6041IDGKT Datasheet HTML 4Page - Texas Instruments REF6041IDGKT Datasheet HTML 5Page - Texas Instruments REF6041IDGKT Datasheet HTML 6Page - Texas Instruments REF6041IDGKT Datasheet HTML 7Page - Texas Instruments REF6041IDGKT Datasheet HTML 8Page - Texas Instruments REF6041IDGKT Datasheet HTML 9Page - Texas Instruments REF6041IDGKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
REF6025, REF6030, REF6033, REF6041, REF6045, REF6050
SBOS708B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6025 REF6030 REF6033 REF6041 REF6045 REF6050
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VIN = 5 V for all devices except REF6050, VIN = 5.4 V for REF6050, IL = 0 mA, CL = 22 µF, CFILT = 1 µF, and
VEN = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE
VOUT
Output voltage
REF6025
2.5
V
REF6030
3
REF6033
3.3
REF6041
4.096
REF6045
4.5
REF6050
5
POWER SUPPLY
ICC
Supply current
REF6025,
REF6030,
REF6033,
REF6041
Active mode, VEN = 5 V
TA = 25°C
0.82
0.90
mA
TA = –40°C to +125°C
1.1
REF6045,
REF6050
Active mode, VEN = 5 V
TA = 25°C
0.83
0.95
TA = –40°C to +125°C
1.15
Shutdown mode, VEN = 0 V
TA = 25°C
1
3
µA
TA = –40°C to +125°C
15
Enable pin voltage
Voltage reference in active mode (EN = 1)
1.6
V
Voltage reference in shutdown mode (EN = 0)
0.6
Enable pin current
VEN = 5 V
100
150
nA
Dropout voltage
REF6025
IL = 0 mA
500
500
mV
IL = 4 mA
600
REF6030, REF6033, REF6041
IL = 0 mA
50
250
IL = 4 mA
600
REF6045
IL = 0 mA
50
250
IL = 3.5 mA
600
REF6050
IL = 0 mA
100
300
IL = 3 mA
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com