Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS308 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS308
Description  SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS308 Datasheet(HTML) 6 Page - Integrated Device Technology

  ICS308 Datasheet HTML 1Page - Integrated Device Technology ICS308 Datasheet HTML 2Page - Integrated Device Technology ICS308 Datasheet HTML 3Page - Integrated Device Technology ICS308 Datasheet HTML 4Page - Integrated Device Technology ICS308 Datasheet HTML 5Page - Integrated Device Technology ICS308 Datasheet HTML 6Page - Integrated Device Technology ICS308 Datasheet HTML 7Page - Integrated Device Technology ICS308 Datasheet HTML 8Page - Integrated Device Technology ICS308 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ICS308
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
SER PROG CLOCK SYNTHESIZER
IDT™ / ICS™ SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER 6
ICS308
REV J 120507
DC Electrical Characteristics
VDD=3.3 V ±10%, Ambient temperature -40 to +85
° C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.00
3.60
V
Operating Supply Current
Input High Voltage
IDD
Configuration
Dependent
mA
Ex. 25 MHz crystal,
VDD=3.3 V, No load,
25
mA
PDTS = 0
20
µA
Input High Voltage
VIH
X1/ICLK only
(VDD/2)+1
V
Input Low Voltage
VIL
X1/ICLK only
(VDD/2)-1
V
Input High Voltage
VIH
VDD-0.5
V
Input Low Voltage
VIL
PDTS, SRCLOCK,
DATA, STROBE
0.8
V
Output High Voltage
VOH
IOH = -8 mA
2.4
V
Output Low Voltage
VOL
IOL = 8 mA
0.4
V
Output High Voltage,
CMOS level
VOH
IOH = -4 mA
VDD-0.4
V
Short Circuit Current
CLK outputs
+70
mA
Input Capacitance
CIN
PDTS pin
4
pF
Internal Pull-down
Resistor
RPD
CLK outputs
525
k
Internal Pull-up Resistor
RPU
PDTS pin
250
k



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com