Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC32DBR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AC32DBR
Description  SNx4AC32 Quadruple 2-Input Positive-OR Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC32DBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AC32DBR Datasheet HTML 2Page - Texas Instruments SN74AC32DBR Datasheet HTML 3Page - Texas Instruments SN74AC32DBR Datasheet HTML 4Page - Texas Instruments SN74AC32DBR Datasheet HTML 5Page - Texas Instruments SN74AC32DBR Datasheet HTML 6Page - Texas Instruments SN74AC32DBR Datasheet HTML 7Page - Texas Instruments SN74AC32DBR Datasheet HTML 8Page - Texas Instruments SN74AC32DBR Datasheet HTML 9Page - Texas Instruments SN74AC32DBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
4.3 Thermal Information
THERMAL METRIC(1)
SNx4AC32
BQA
(WQFN)
D (SOIC)
DB (SSOP)
N (PDIP)
NS (SOP)
PW
(TSSOP)
UNIT
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient
thermal resistance
91.3
119.9
96
80
76
145.7
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
99.4
—
—
—
—
—
°C/W
RθJB
Junction-to-board
thermal resistance
61.0
—
—
—
—
—
°C/W
ψJT
Junction-to-top
characterization parameter
14.5
—
—
—
—
—
°C/W
ψJB
Junction-to-board characterization
parameter
60.8
—
—
—
—
—
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
37.0
—
—
—
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
note.
4.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AC32
SN74AC32
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = −50µA
3V
2.9
2.9
2.9
V
4.5V
4.4
4.4
4.4
5.5V
5.4
5.4
5.4
IOH = −12mA
3V
2.56
2.4
2.4
IOH = −24mA
4.5V
3.86
3.7
3.7
5.5V
4.86
4.7
4.7
IOH = −50mA(1)
5.5V
3.85
3.85
IOH = −75mA(1)
5.5V
VOL
IOL = 50 µA
3V
0.002
0.1
0.1
0.1
V
4.5V
0.001
0.1
0.1
0.1
5.5V
0.001
0.1
0.1
0.1
IOL = 12mA
3V
0.36
0.5
0.5
IOL = 24mA
4.5V
0.36
0.5
0.5
5.5V
0.36
0.5
0.5
IOL = 50mA(1)
5.5V
1.65
1.65
IOL = 75mA(1)
5.5V
II
A or B ports
VI = VCC or GND
5.5V
±0.1
±1
±1
µA
ICC
VI = VCC or
GND,
IO = 0
5.5V
2
40
40
µA
Ci
VI = VCC or GND
5V
2.6
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2ms.
SN54AC32, SN74AC32
SCAS528H – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54AC32 SN74AC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com