Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT00DBR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ACT00DBR
Description  SNx4ACT00 Quadruple 2-Input Positive-NAND Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT00DBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ACT00DBR Datasheet HTML 2Page - Texas Instruments SN74ACT00DBR Datasheet HTML 3Page - Texas Instruments SN74ACT00DBR Datasheet HTML 4Page - Texas Instruments SN74ACT00DBR Datasheet HTML 5Page - Texas Instruments SN74ACT00DBR Datasheet HTML 6Page - Texas Instruments SN74ACT00DBR Datasheet HTML 7Page - Texas Instruments SN74ACT00DBR Datasheet HTML 8Page - Texas Instruments SN74ACT00DBR Datasheet HTML 9Page - Texas Instruments SN74ACT00DBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
4.3 Thermal Information (continued)
THERMAL METRIC
(1)
SNx4ACT00
UNIT
D (SOIC)
DB (SSOP)
N (PDIP
NS (SOP)
PW
(TSSOP)
BQA
(WQFN)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJC(bot)
Junction-to-case (bottom)
thermal resistance
—
—
—
—
—
37.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
note.
4.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA= 25°C
SN54ACT00
SN74ACT00
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = ‐50 µA
4.5 V
4.4
4.49
4.4
4.4
V
5.5 V
5.4
5.49
5.4
5.4
IOH = ‐24 mA
4.5 V
3.86
3.7
3.76
5.5 V
4.86
4.7
4.76
IOH = ‐50 mA
(1)
5.5 V
3.85
IOH = ‐75 mA
(1)
5.5 V
3.85
VOL
IOL = 50 µA
4.5 V
0.001
0.1
0.1
0.1
V
5.5 V
0.001
0.1
0.1
0.1
IOH = 24 mA
4.5 V
0.36
0.5
0.44
5.5 V
0.36
0.5
0.44
IOH = 50 mA
(1)
5.5 V
1.65
IOH = 75 mA
(1)
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND
IO = 0
5.5 V
2
40
20
µA
ΔICC
(2)
One input at 3.4 V, Other inputs
at GND or VCC
5.5 V
0.6
1.6
1.5
mA
Ci
VI = VCC or GND
5 V
2.6
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
(2)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.
4.5 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Load Circuit and
Voltage Waveforms)
PARAMETER
FROM
(INPUT)
TO (OUTPUT)
TA= 25°C
SNx4ACT00
SNx4ACT00
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A or B
Y
1.5
5.5
9
1
9.5
1
9.5
ns
tPHL
1.5
4
7
1
7
1
8
4.6 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF
f = 1 MHz
40
pF
SN54ACT00, SN74ACT00
SCAS523F – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54ACT00 SN74ACT00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com