Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC00PW Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AC00PW
Description  SNx4AC00 Quadruple 2-Input Positive-NAND Gates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC00PW Datasheet(HTML) 4 Page - Texas Instruments

  SN74AC00PW Datasheet HTML 1Page - Texas Instruments SN74AC00PW Datasheet HTML 2Page - Texas Instruments SN74AC00PW Datasheet HTML 3Page - Texas Instruments SN74AC00PW Datasheet HTML 4Page - Texas Instruments SN74AC00PW Datasheet HTML 5Page - Texas Instruments SN74AC00PW Datasheet HTML 6Page - Texas Instruments SN74AC00PW Datasheet HTML 7Page - Texas Instruments SN74AC00PW Datasheet HTML 8Page - Texas Instruments SN74AC00PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
PIN
TYPE1
DESCRIPTION
NO.
NAME
9
3A
I
3A Input
10
3B
I
3B Input
11
4Y
O
4Y Output
12
4A
I
4A Input
13
4B
I
4B Input
14
VCC
—
Power Pin
Thermal Pad(2)
—
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output.
(2)
BQA Package only
SN54AC00, SN74AC00
SCAS524G – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54AC00 SN74AC00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com