Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT86D Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ACT86D
Description  SNx4ACT86 Quadruple 2-Input Exclusive-OR Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT86D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ACT86D Datasheet HTML 2Page - Texas Instruments SN74ACT86D Datasheet HTML 3Page - Texas Instruments SN74ACT86D Datasheet HTML 4Page - Texas Instruments SN74ACT86D Datasheet HTML 5Page - Texas Instruments SN74ACT86D Datasheet HTML 6Page - Texas Instruments SN74ACT86D Datasheet HTML 7Page - Texas Instruments SN74ACT86D Datasheet HTML 8Page - Texas Instruments SN74ACT86D Datasheet HTML 9Page - Texas Instruments SN74ACT86D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
THERMAL METRIC(1)
SN74ACT86
BQA
(WQFN)
D (SOIC)
DB (SSOP)
N (PDIP)
NS (SOP)
PW
(TSSOP)
UNIT
14 PINS
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
37.0
—
—
—
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
4.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25 °C
SN54ACT86
SN74ACT86
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = -50µA
4.5V
4.4
4.49
4.4
4.4
V
5.5V
5.4
5.49
5.4
5.4
IOH = -24mA
4.5V
3.86
3.7
3.76
5.5V
4.86
4.7
4.76
IOH = -50mA
(1)
5.5V
3.85
IOH = -75mA
(1)
5.5V
3.85
VOL
IOL = 50µA
4.5V
0.001
0.1
0.1
0.1
V
5.5V
0.001
0.1
0.1
0.1
IOL = 24mA
4.5V
0.36
0.5
0.44
5.5V
0.36
0.5
0.44
IOL = 50mA
(1)
5.5V
1.65
IOL = 75mA
(1)
5.5V
1.65
II
VI = VCC or GND
5.5V
±0.1
±1
±1
µA
ICC
VI = VCC or
GND,
IO = 0
5.5V
4
80
40
µA
ΔICC (2)
One input at 3.4V, Other inputs at
GND or Vcc
5.5V
0.6
1.6
1.5
mA
Ci
VI = VCC or GND
5V
2.6
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 10ms.
(2)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0V or VCC.
4.5 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5V ± 0.5V (unless otherwise noted) (see Load Circuit and
Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
TA = 25°C
SN54ACT86
SN74ACT86
UNIT
MIN TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A or B
Y
1.5
8.5
9.5
1
10
1
10
ns
tPHL
1.5
7
9.5
1
10.5
1
10.5
4.6 Operating Characteristics
VCC = 5V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50pF
f = 1MHz
25
pF
SN54ACT86, SN74ACT86
SCAS534E – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54ACT86 SN74ACT86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com