Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3333AIDBZR Datasheet(PDF) 1 Page - Texas Instruments

Part # REF3333AIDBZR
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3333AIDBZR Datasheet(HTML) 1 Page - Texas Instruments

  REF3333AIDBZR Datasheet HTML 1Page - Texas Instruments REF3333AIDBZR Datasheet HTML 2Page - Texas Instruments REF3333AIDBZR Datasheet HTML 3Page - Texas Instruments REF3333AIDBZR Datasheet HTML 4Page - Texas Instruments REF3333AIDBZR Datasheet HTML 5Page - Texas Instruments REF3333AIDBZR Datasheet HTML 6Page - Texas Instruments REF3333AIDBZR Datasheet HTML 7Page - Texas Instruments REF3333AIDBZR Datasheet HTML 8Page - Texas Instruments REF3333AIDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
200
180
160
140
120
100
80
60
40
20
0
-5
-4
-3
-2
-1
0
1
2
3
4
5
LoadCurrent(mA)
+125 C
°
+25 C
°
-
°
40 C
R
3
R
2
V
IN
+2.7V
Enable
(1)
OPA333,
OPA363,
OPA369
or
R
66.5
1
W
C
1.5nF
1
C
1 F
2
m
P1.2
VREF
A0+
REF3312
+2.7V
V
CC
V
SS
16-Bit
ADC
MSP430x20x3PW
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392H – AUGUST 2007 – REVISED AUGUST 2019
REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
1
1 Features
1
•
Microsize Packages: SC70-3, SOT-23-3, UQFN-8
•
Low Supply Current: 3.9 μA (typ)
•
Extremely Low Dropout Voltage: 110 mV (typ)
•
High Output Current: ±5 mA
•
Low Temperature Drift: 30 ppm/°C (max)
•
High Initial Accuracy: ±0.15% (max)
•
0.1-Hz to 10-Hz Noise: 35 μVPP (REF3312)
•
Voltage Options: 1.2 V, 1.8 V, 2.5 V, 3 V, 3.3 V
2 Applications
•
Portable Equipment
•
Tablets and Smartphones
•
Hard Disk Drives
•
Sensor Modules
•
Data Acquisition Systems
•
Medical Equipment
•
Test Equipment
3 Description
The REF33xx is a low-power, precision, low-dropout
voltage reference family available in tiny SC70-3 and
SOT-23-3 packages, and in a 1.5-mm × 1.5-mm
UQFN-8
package.
Small
size
and
low
power
consumption (5-μA max) make the REF33xx ideal for
a wide variety of portable and battery-powered
applications.
The REF33xx can be operated at a supply voltage
180 mV above the specified output voltage under
normal load conditions, with the exception of the
REF3312, which has a minimum supply voltage of
1.7 V. All models are specified for the wide
temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
REF33xx
SOT-23 (3)
2.92 mm × 1.30 mm
SC70 (3)
2.00 mm × 1.25 mm
UQFN (8)
1.50 mm × 1.50 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
REF3312 in a Single-Supply Signal Chain
Dropout Voltage vs Load Current


Similar Part No. - REF3333AIDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3333AIDBZR TI-REF3333AIDBZR Datasheet
490Kb / 18P
3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3333AIDBZR TI1-REF3333AIDBZR Datasheet
1Mb / 32P
Drift Voltage Reference
REF3333AIDBZR TI1-REF3333AIDBZR Datasheet
1Mb / 35P
SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3333AIDBZR TI1-REF3333AIDBZR Datasheet
1Mb / 37P
3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3333AIDBZRG4 TI-REF3333AIDBZRG4 Datasheet
490Kb / 18P
3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
More results

Similar Description - REF3333AIDBZR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM803 AD-ADM803 Datasheet
132Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
6/03-Data Sheet changed from REV. B to REV. C.
logo
Texas Instruments
REF3312 TI-REF3312 Datasheet
490Kb / 18P
3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
logo
Analog Devices
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
logo
Texas Instruments
REF3312 TI-REF3312_15 Datasheet
1Mb / 32P
REF33xx 3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/째C Drift Voltage Reference
REF3312 TI1-REF3312_16 Datasheet
1Mb / 35P
SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com