| Electronic Components Datasheet Search |
|
REF3333AIDBZRG4 Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF3333AIDBZRG4 Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 39 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 18-Jun-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant REF3312AIDBZR SOT-23 DBZ 3 3000 179.0 8.4 3.15 2.95 1.22 4.0 8.0 Q3 REF3312AIDBZT SOT-23 DBZ 3 250 179.0 8.4 3.15 2.95 1.22 4.0 8.0 Q3 REF3312AIDBZT1G4 SOT-23 DBZ 3 250 179.0 8.4 3.15 2.95 1.22 4.0 8.0 Q3 REF3312AIDCKR SC70 DCK 3 3000 179.0 8.4 2.4 2.4 1.19 4.0 8.0 Q3 REF3312AIDCKR1G4 SC70 DCK 3 3000 179.0 8.4 2.4 2.4 1.19 4.0 8.0 Q3 REF3312AIDCKT SC70 DCK 3 250 179.0 8.4 2.4 2.4 1.19 4.0 8.0 Q3 REF3312AIRSER UQFN RSE 8 5000 180.0 9.5 1.7 1.7 0.75 4.0 8.0 Q2 REF3312AIRSERG4 UQFN RSE 8 5000 180.0 9.5 1.7 1.7 0.75 4.0 8.0 Q2 REF3312AIRSET UQFN RSE 8 250 180.0 9.5 1.7 1.7 0.75 4.0 8.0 Q2 REF3318AIDBZR SOT-23 DBZ 3 3000 179.0 8.4 3.15 2.95 1.22 4.0 8.0 Q3 REF3318AIDBZT SOT-23 DBZ 3 250 179.0 8.4 3.15 2.95 1.22 4.0 8.0 Q3 REF3318AIDBZTG4 SOT-23 DBZ 3 250 179.0 8.4 3.15 2.95 1.22 4.0 8.0 Q3 REF3318AIDCKR SC70 DCK 3 3000 179.0 8.4 2.4 2.4 1.19 4.0 8.0 Q3 REF3318AIDCKRG4 SC70 DCK 3 3000 179.0 8.4 2.4 2.4 1.19 4.0 8.0 Q3 REF3318AIDCKT SC70 DCK 3 250 179.0 8.4 2.4 2.4 1.19 4.0 8.0 Q3 REF3320AIDBZR SOT-23 DBZ 3 3000 179.0 8.4 3.15 2.95 1.22 4.0 8.0 Q3 Pack Materials-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |