Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ120 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 42Page - STMicroelectronics L99DZ120 Datasheet HTML 43Page - STMicroelectronics L99DZ120 Datasheet HTML 44Page - STMicroelectronics L99DZ120 Datasheet HTML 45Page - STMicroelectronics L99DZ120 Datasheet HTML 46Page - STMicroelectronics L99DZ120 Datasheet HTML 47Page - STMicroelectronics L99DZ120 Datasheet HTML 48Page - STMicroelectronics L99DZ120 Datasheet HTML 49Page - STMicroelectronics L99DZ120 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 161 page
background image
Electrical specifications
L99DZ120
46/161
DS11567 Rev 5
3.4.18
Fail safe low-side switch
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 18 V; Tj = 40 °C to 150 °C, unless otherwise specified.
Table 24. Open-load monitoring external H-bridge
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VODSL
Low-side drain-source monitor low
off-threshold voltage
VSLx = 0 V; VS = 13.5 V
0.15 VS
V
VODSH
Low-side drain-source monitor high
off-threshold voltage
VSLx = 0 V; VS = 13.5 V
0.85 VS
V
VOLSHx
Output voltage of selected SHx in
open-load test mode
VSLx = 0 V; VS = 13.5 V
0.5 VS
V
RpdOL
Pull-down resistance of the non-
selected SHx pin in open-load mode
VSLx = 0 V; VS = 13.5 V;
VSHX = 4.5 V
20
kΩ
tOL_HB
Open-load filter time
2
ms
Table 25. Fail safe low-side switch
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOUT_max
Max output voltage in
case of missing supply
IOUT = 1 mA; VS = VSREG = 0 V
2
2.5
V
RDSON
DC output resistance
ILOAD = 250 mA; Tj = 25 °C
1.4
Ω
ILOAD = 250 mA; Tj = 130 °C
2.2
Ω
IOLimit
Overcurrent limitation
8 V < VS < 16 V
500
1500
mA
tONHL
Turn on delay time to
10% VOUT
100
µs
tOFFLH
Turn off delay time to
90% VOUT
100
µs
tSCF
Short circuit filter time
64
µs
dVmax/dt
Maximum external
applied slew rate on
LS1_FSO and LS2_FSO
without switching on LS
Guaranteed by design
60
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com