Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ80EPTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99DZ80EPTR
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EPTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99DZ80EPTR Datasheet HTML 32Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 33Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 34Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 35Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 36Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 37Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 38Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 39Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
Application information
L99DZ80EP
36/68
DocID18260 Rev 6
Figure 13. Overcurrent recovery mode
3.15
H-bridge control (DIR, PWMH, bits SD, SDS)
The PWMH input controls the drivers of the external H-bridge transistors. The motor
direction can be chosen with the direction input (DIR), the duty cycle and frequency with the
PWMH input. With the SPI-registers SD and SDS four different slow-decay modes (via
drivers and via diode) can be selected using the high side or the low side transistors.
Unconnected inputs are defined by internal pull-down current.
Table 25. H-bridge control truth table
N°
Control pins Control bits
Failure bits
Output pin
Comment
DIR PWMH HEN SD SDS CP_LOW OV UV DS TSD GH1 GL1 GH2 GL2
1
X
X
0
X
X
X
X
X
X
X
RL
RL
RL
RL H-bridge disabled
2
X
X
1
X
X
1
0
0
0
0
RL
RL
RL
RL Charge pump voltage too low
3
X
X
1
X
X
0
XXX
1
RLRLRLRL Thermo-shutdown
4
X
X
1
X
X
0
1
0
0
0L
LLL
Overvoltage
5
X
X
1
X
X
0
001
0
L(1) L(1) L(1) L(1) Short-circuit(1)
6
0
1
1
X
X
0
0
0
0
0
L
H
H
L
Bridge H2/L1 on
7
X
0
100
0
0
0
0
0
L
H
L
H
Slow-decay mode LS1 and LS2
on
8
0
0
1
0
1
0
0
0
0
0
L
H
L
L
Slow-decay mode LS1 on
9
1
0
1
0
1
0
0
0
0
0
L
L
L
H
Slow-decay mode LS2 on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com