Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ81EP Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99DZ81EP
Description  Door actuator driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ81EP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99DZ81EP Datasheet HTML 9Page - STMicroelectronics L99DZ81EP Datasheet HTML 10Page - STMicroelectronics L99DZ81EP Datasheet HTML 11Page - STMicroelectronics L99DZ81EP Datasheet HTML 12Page - STMicroelectronics L99DZ81EP Datasheet HTML 13Page - STMicroelectronics L99DZ81EP Datasheet HTML 14Page - STMicroelectronics L99DZ81EP Datasheet HTML 15Page - STMicroelectronics L99DZ81EP Datasheet HTML 16Page - STMicroelectronics L99DZ81EP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
DocID023145 Rev 2
13/62
L99DZ81EP
Electrical specifications
61
2.4
Package and PCB thermal data
2.4.1
TQFP-64 thermal data
Figure 3. TQFP-64 2 layer PCB
Figure 4. TQFP-64 4 layer PCB
Note:
Layout condition of Rth and Zth measurements (board finish thickness 1.6 mm +/- 10%,
board double layer and four layers, board dimension 77 mm x114 mm, board material FR4,
Cu thickness 0.070mm (outer layers), Cu thickness 0.035mm (inner layers), thermal vias
separation 1.2 mm, thermal via diameter 0.3 mm +/- 0.08 mm, Cu thickness on vias
0.025 mm, footprint dimension 6 mm x 6 mm). 4-layer PCB: Cu on mid1 layer, Cu on mid2
layer and Cu on bottom layer: 62 cm2. Zth measured on the major power dissipator
contributor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com