Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS40M60C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS40M60C
Description  High efficiency 60 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M60C Datasheet(HTML) 5 Page - STMicroelectronics

  STPS40M60C Datasheet HTML 1Page - STMicroelectronics STPS40M60C Datasheet HTML 2Page - STMicroelectronics STPS40M60C Datasheet HTML 3Page - STMicroelectronics STPS40M60C Datasheet HTML 4Page - STMicroelectronics STPS40M60C Datasheet HTML 5Page - STMicroelectronics STPS40M60C Datasheet HTML 6Page - STMicroelectronics STPS40M60C Datasheet HTML 7Page - STMicroelectronics STPS40M60C Datasheet HTML 8Page - STMicroelectronics STPS40M60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STPS40M60C
Characteristics
Doc ID 018813 Rev 1
5/10
Figure 10.
Forward voltage drop versus
forward current (per diode, low
level)
Figure 11.
Forward voltage drop versus
forward current (per diode, high
level)
I
(A)
FM
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
V
(V)
FM
I
(A)
FM
0.1
1.0
10.0
100.0
1000.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
V
(V)
FM
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab for D2PAK
Figure 13.
Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
DPAK
2
Epoxy printed board FR4
copper thickness = 35 µm
S (cm )
Cu
2
I
(A)
arm
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
80
85
90
95
100
105
110
115
120
125
130
V
(V)
arm
Forbidden area
Permitted area



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com