Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC151 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC151
Description  SNx4HC151 8-Line To 1-Line Data Selectors/Multiplexers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC151 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC151 Datasheet HTML 1Page - Texas Instruments SN54HC151 Datasheet HTML 2Page - Texas Instruments SN54HC151 Datasheet HTML 3Page - Texas Instruments SN54HC151 Datasheet HTML 4Page - Texas Instruments SN54HC151 Datasheet HTML 5Page - Texas Instruments SN54HC151 Datasheet HTML 6Page - Texas Instruments SN54HC151 Datasheet HTML 7Page - Texas Instruments SN54HC151 Datasheet HTML 8Page - Texas Instruments SN54HC151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SNx4HC151 8-Line To 1-Line Data Selectors/Multiplexers
1 Features
• Wide operating voltage range of 2 V to 6 V
• Outputs can drive up to 10 LSTTL loads
• Low power consumption, 80-μA max ICC
• Typical tpd = 13 ns
• ±6-mA Output drive at 5 V
• Low input current of 1 μA max
• 8-Line to 1-line multiplexers can perform as:
– Boolean-function generators
– Parallel-to-serial converters
– Data source selectors
2 Description
This data selector/multiplexer provides full binary
decoding to select one of eight data sources. The
strobe (G) input must be at a low logic level to enable
the inputs. A high level at the strobe terminal forces
the standard output (Y) low and the inverted output
(W) high.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
SN54HC151J
CDIP (16)
24.38 mm × 6.92 mm
SN74HC151D
SOIC (16)
9.90 mm × 3.90 mm
SN74HC151N
PDIP (16)
19.31 mm × 6.35 mm
SN74HC151NS
SO (16)
6.20 mm × 5.30 mm
SN74HC151PW
TSSOP (16)
5.00 mm × 4.40 mm
SNJ54HC151FK
LCCC (20)
8.89 mm × 8.45 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Pin numbers shown are for the D, J, N, NS, PW, and W packages.
Functional Block Diagram
SN54HC151, SN74HC151
SCLS110F – DECEMBER 1982 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN54HC151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC151 TI-SN54HC151 Datasheet
450Kb / 15P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151 TI1-SN54HC151 Datasheet
1Mb / 20P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151 TI2-SN54HC151 Datasheet
244Kb / 11P
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
REVISED APRIL 2008
SN54HC151J TI-SN54HC151J Datasheet
450Kb / 15P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151J TI1-SN54HC151J Datasheet
1Mb / 20P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN54HC151

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54157 NSC-54157 Datasheet
118Kb / 6P
Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151 TI-SN54HC151 Datasheet
450Kb / 15P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54ACT151 TI-CD54ACT151 Datasheet
245Kb / 5P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LS356 TI-SN74LS356 Datasheet
334Kb / 10P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS/REGISTERS
SN54LV157A TI-SN54LV157A Datasheet
503Kb / 17P
QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157A TI-SN74LV157A_08 Datasheet
533Kb / 17P
QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54ACT151 TI1-CD54ACT151_14 Datasheet
806Kb / 13P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151 TI1-SN54HC151_15 Datasheet
1Mb / 20P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com