Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVC86A Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54LVC86A
Description  SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54LVC86A Datasheet(HTML) 3 Page - Texas Instruments

  SN54LVC86A Datasheet HTML 1Page - Texas Instruments SN54LVC86A Datasheet HTML 2Page - Texas Instruments SN54LVC86A Datasheet HTML 3Page - Texas Instruments SN54LVC86A Datasheet HTML 4Page - Texas Instruments SN54LVC86A Datasheet HTML 5Page - Texas Instruments SN54LVC86A Datasheet HTML 6Page - Texas Instruments SN54LVC86A Datasheet HTML 7Page - Texas Instruments SN54LVC86A Datasheet HTML 8Page - Texas Instruments SN54LVC86A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
4 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
1A
1B
1Y
2A
2B
2Y
GND
4B
4A
4Y
3B
3A
V
CC
3Y
Figure 4-1. SN54LVC86A J or W Package, 14-Pin
CDIP or CFP; SN74LVC86A D, DB, NS, or PW
Package, 14-Pin SOIC, SSOP, SOP or TSSOP (Top
View)
Figure 4-2. SN74LVC86A BQA or RGY Package, 14-
Pin WQFN or VQFN (Top View)
4
5
6
7
8
3
2
1
20
19
18
17
16
15
14
9
10 11 12 13
1Y
NC
2A
NC
2B
1B 1A NC V
CC 4B
2Y GND NC 3Y 3A
4A
NC
4Y
NC
3B
Figure 4-3. SN54LVC86A FK Package, 14-Pin LCCC (Top View)
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NO.
J, W, D, DB, NS,
PW, RGY
FK
14 PINS
20 PINS
1A
1
2
I
Gate 1 input
1B
2
3
I
Gate 1 input
1Y
3
4
O
Gate 1 output
2A
4
6
I
Gate 2 input
2B
5
8
I
Gate 2 input
2Y
6
9
O
Gate 2 output
3Y
8
12
O
Gate 3 output
3A
9
13
I
Gate 3 input
3B
10
14
I
Gate 3 input
4Y
11
16
O
Gate 4 output
4A
12
18
I
Gate 4 input
4B
13
19
I
Gate 4 input
GND
7
10
—
Ground Pin
NC
—
1, 5, 7, 11, 15, 17
—
Do not connect
VCC
14
20
—
Power Pin
www.ti.com
SN54LVC86A, SN74LVC86A
SCAS288R – JANUARY 1993 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54LVC86A SN74LVC86A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com