Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC646APWT Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC646APWT
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC646APWT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC646APWT Datasheet HTML 3Page - Texas Instruments SN74LVC646APWT Datasheet HTML 4Page - Texas Instruments SN74LVC646APWT Datasheet HTML 5Page - Texas Instruments SN74LVC646APWT Datasheet HTML 6Page - Texas Instruments SN74LVC646APWT Datasheet HTML 7Page - Texas Instruments SN74LVC646APWT Datasheet HTML 8Page - Texas Instruments SN74LVC646APWT Datasheet HTML 9Page - Texas Instruments SN74LVC646APWT Datasheet HTML 10Page - Texas Instruments SN74LVC646APWT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
Switching Characteristics
SN54LVC646A, SN74LVC646A
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS302J – JANUARY 1993 – REVISED AUGUST 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
SN74LVC646A
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
UNIT
± 0.18 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
(1)
150
150
MHz
tw
Pulse duration
(1)
(1)
3.3
3.3
ns
tsu
Setup time, data before CLK
↑
(1)
(1)
1.6
1.5
ns
th
Hold time, data after CLK
↑
(1)
(1)
1.7
1.7
ns
(1)
This information was not available at the time of publication.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
SN54LVC646A
FROM
TO
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
MIN
MAX
MIN
MAX
fmax
150
150
MHz
A or B
B or A
7.9
1
7.4
tpd
CLK
8.8
1
8.4
ns
A or B
SBA or SAB
9.9
1
8.6
ten
OE
A
10.2
1
8.2
ns
tdis
OE
A
8.9
1
7.5
ns
ten
DIR
B
10.4
1
8.3
ns
tdis
DIR
B
8.7
1
7.9
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
SN74LVC646A
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
(1)
(1)
150
150
MHz
A or B
B or A
(1)
(1)
(1)
(1)
7.9
1
7.4
tpd
CLK
(1)
(1)
(1)
(1)
8.8
1
8.4
ns
A or B
SBA or SAB
(1)
(1)
(1)
(1)
9.9
1
8.6
ten
OE
A
(1)
(1)
(1)
(1)
10.2
1
8.2
ns
tdis
OE
A
(1)
(1)
(1)
(1)
8.9
1
7.5
ns
ten
DIR
B
(1)
(1)
(1)
(1)
10.4
1
8.3
ns
tdis
DIR
B
(1)
(1)
(1)
(1)
8.7
1
7.9
ns
(1)
This information was not available at the time of publication.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com