Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC86AD.B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC86AD.B
Description  SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC86AD.B Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC86AD.B Datasheet HTML 1Page - Texas Instruments SN74LVC86AD.B Datasheet HTML 2Page - Texas Instruments SN74LVC86AD.B Datasheet HTML 3Page - Texas Instruments SN74LVC86AD.B Datasheet HTML 4Page - Texas Instruments SN74LVC86AD.B Datasheet HTML 5Page - Texas Instruments SN74LVC86AD.B Datasheet HTML 6Page - Texas Instruments SN74LVC86AD.B Datasheet HTML 7Page - Texas Instruments SN74LVC86AD.B Datasheet HTML 8Page - Texas Instruments SN74LVC86AD.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
1 Features
• Operate from 1.65V to 3.6V
• Specified from –40°C to 85°C,
–40°C to 125°C, and –55°C to 125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.6ns at 3.3V
• Typical VOLP (output ground bounce)
<0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
>2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250 mA per JESD
17
• ESD protection exceeds JESD 22
– 2000V human-body model (A114-A)
– 1000V charged-device model (C101)
2 Applications
• AV receiver
• Audio dock: portable
• Blu-ray player and home theater
• MP3 player or recorder
• Personal digital assistant (PDA)
• Power: telecom/server AC/DC supply: single
controller: analog and digital
• Solid state drive (SSD): client and enterprise
• TV: LCD, digital, and high-definition (HDTV)
• Tablet: enterprise
• Video analytics: server
• Wireless headset, keyboard, and mouse
3 Description
The SN54LVC86A quadruple 2-input exclusive-OR
gate is designed for 2.7V to 3.6V VCC operation,
and the SN74LVC86A quadruple 2-input exclusive-
OR gate is designed for 1.65V to 3.6V VCC operation.
PART
NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SNx4LVC86A
BQA (WQFN, 14)
3mm × 2.5mm
3mm × 2.5mm
RGY (VQFN, 14)
3.50mm × 3.50mm
3.50mm × 3.50mm
D (SOIC, 14)
8.65mm x 6mm
8.65mm × 3.91mm
NS (SOP, 14)
10.2mm x 7.8mm
10.20mm × 5.30mm
DB (SSOP, 14)
6.2mm x 7.8mm
6.20mm × 5.30mm
PW (TSSOP, 14)
5mm x 6.4mm
5.00mm × 4.40mm
W (CFP, 14)
9.21mm × 9mm
9.21mm × 6.29mm
FK (LCCC, 20)
8.89mm × 8.89mm
8.89mm × 8.89mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
= 1
EXCLUSIVE OR
These five equivalent exclusive-OR symbols are valid for an SN74LVC86A gate in positive logic; negation may be shown at any two ports.
Exclusive-OR Logic
SN54LVC86A, SN74LVC86A
SCAS288R – JANUARY 1993 – REVISED AUGUST 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC86AD.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC86AD TI-SN74LVC86AD Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74LVC86AD TI1-SN74LVC86AD Datasheet
2Mb / 36P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
MAY 2024
SN74LVC86ADBLE TI-SN74LVC86ADBLE Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74LVC86ADBR TI-SN74LVC86ADBR Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74LVC86ADBR TI1-SN74LVC86ADBR Datasheet
2Mb / 36P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
MAY 2024
More results

Similar Description - SN74LVC86AD.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
List of Unclassifed Man...
GD54LS86 ETC1-GD54LS86 Datasheet
56Kb / 2P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Texas Instruments
SN54AHC86 TI-SN54AHC86_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com