Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC540APW Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC540APW
Description  SNx4LVC540A Octal Buffers/Drivers with 3-State Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC540APW Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC540APW Datasheet HTML 1Page - Texas Instruments SN74LVC540APW Datasheet HTML 2Page - Texas Instruments SN74LVC540APW Datasheet HTML 3Page - Texas Instruments SN74LVC540APW Datasheet HTML 4Page - Texas Instruments SN74LVC540APW Datasheet HTML 5Page - Texas Instruments SN74LVC540APW Datasheet HTML 6Page - Texas Instruments SN74LVC540APW Datasheet HTML 7Page - Texas Instruments SN74LVC540APW Datasheet HTML 8Page - Texas Instruments SN74LVC540APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SN54LVC540A, SN74LVC540A
www.ti.com
SCAS297N – JANUARY 1993 – REVISED JUNE 2014
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
SN54LVC540A
SN74LVC540A
UNIT
MIN
MAX
MIN
MAX
Operating
2
3.6
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
2
VCC = 1.65 V to 1.95 V
0.35 × VCC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
V
High or low state
0
VCC
0
VCC
VO
Output voltage
V
3-state
0
5.5
0
5.5
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
mA
VCC = 2.7 V
–12
–12
VCC = 3 V
–24
–24
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
mA
VCC = 2.7 V
12
12
VCC = 3 V
24
24
TA
Operating free-air temperature
–55
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7.4 Thermal Information
SN74LVC540A
THERMAL METRIC(1)
DB
DGV
DW
NS
PW
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
94.5
114.7
88.3
74.7
102.5
RθJC(top) Junction-to-case (top) thermal resistance
56.2
29.8
51.1
40.5
35.9
RθJB
Junction-to-board thermal resistance
49.7
56.2
50.9
42.3
53.5
°C/W
ψJT
Junction-to-top characterization parameter
18.1
0.8
20.0
14.3
2.2
ψJB
Junction-to-board characterization parameter
49.2
55.5
50.5
41.9
52.9
RθJC(bot) Junction-to-case (bottom) thermal resistance
–
–
–
–
–
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54LVC540A SN74LVC540A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com