Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC540APWRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC540APWRE4
Description  SNx4LVC540A Octal Buffers/Drivers with 3-State Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC540APWRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC540APWRE4 Datasheet HTML 3Page - Texas Instruments SN74LVC540APWRE4 Datasheet HTML 4Page - Texas Instruments SN74LVC540APWRE4 Datasheet HTML 5Page - Texas Instruments SN74LVC540APWRE4 Datasheet HTML 6Page - Texas Instruments SN74LVC540APWRE4 Datasheet HTML 7Page - Texas Instruments SN74LVC540APWRE4 Datasheet HTML 8Page - Texas Instruments SN74LVC540APWRE4 Datasheet HTML 9Page - Texas Instruments SN74LVC540APWRE4 Datasheet HTML 10Page - Texas Instruments SN74LVC540APWRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
VCC (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
D001
TPD
Temperature (°C)
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
3.5
4
D001
TPD
SN54LVC540A, SN74LVC540A
www.ti.com
SCAS297N – JANUARY 1993 – REVISED JUNE 2014
7.8 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
63
56
31
Power dissipation capacitance per
Cpd
f = 10 MHz
pF
buffer/driver
Outputs disabled
3
3
3
7.9 Typical Characteristics
Figure 1. TPD Across Temperature at 25°C
Figure 2. TPD Across Temperature at 3.3 V
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54LVC540A SN74LVC540A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com