Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC138ADRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC138ADRG4
Description  SN74LVC138A 3-Line to 8-Line Decoders Demultiplexers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC138ADRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC138ADRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC138ADRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC138ADRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC138ADRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC138ADRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC138ADRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC138ADRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC138ADRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC138ADRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Supply Voltage VCC (V)
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
4
6
8
10
12
14
16
18
20
22
24
D002
8
SN54LVC138A, SN74LVC138A
SCAS291W – MARCH 1993 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN54LVC138A SN74LVC138A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
6.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
VCC = 1.8 V
25
pF
VCC = 2.5 V
26
VCC = 3.3 V
27
6.9 Typical Characteristics
Figure 1. Maximum Propagation Delay vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com