Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC540APWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC540APWRG4
Description  SNx4LVC540A Octal Buffers/Drivers with 3-State Outputs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC540APWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC540APWRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC540APWRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC540APWRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC540APWRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC540APWRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC540APWRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC540APWRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC540APWRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC540APWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
SN54LVC540A . . . J OR W PACKAGE
SN74LVC540A . . . DB, DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
Y3
Y4
Y5
A3
A4
A5
A6
A7
SN54LVC540A . . . FK PACKAGE
(TOP VIEW)
SN54LVC540A, SN74LVC540A
www.ti.com
SCAS297N – JANUARY 1993 – REVISED JUNE 2014
6 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OE1
1
I
Output enable
A1
2
I
A1 input
A2
3
I
A2 input
A3
4
I
A3 input
A4
5
I
A4 input
A5
6
I
A5 input
A6
7
I
A6 input
A7
8
I
A7 input
A8
9
I
A8 input
GND
10
–
Ground pin
Y8
11
O
Y8 output
Y7
12
O
Y7 output
Y6
13
O
Y6 output
Y5
14
O
Y5 output
Y4
15
O
Y4 output
Y3
16
O
Y3 output
Y2
17
O
Y2 output
Y1
18
O
Y1 output
OE2
19
I
Output enable
VCC
20
–
Power pin
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54LVC540A SN74LVC540A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com