Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC477 Datasheet(PDF) 2 Page - Multicomp Pro

Part # BC477
Description  Low Power Bipolar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC477 Datasheet(HTML) 2 Page - Multicomp Pro

  BC477 Datasheet HTML 1Page - Multicomp Pro BC477 Datasheet HTML 2Page - Multicomp Pro BC477 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
25/09/19
Low Power
Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Parameter
Symbol
Test Condition
Min.
Typical
Max.
Unit
Collector Cut off Current
ICES
VCE = 70V, VBE = 0
Ta = 125°C
-
-
10
nA
VCE = 70V, VBE = 0
µA
Emitter Cut off Current
IEBO
VEB = 4V, IC = 0
10
nA
Collector-Emitter Voltage
VCES
IC = 10µA, VBE = 0
90
-
V
VCEO
IC = 5mA, I = 0
80
Emitter-Base Voltage
VEBO
IE = 10µA, IC = 0
6
Collector Emitter Saturation Voltage
VCE (Sat)*
IC = 10mA, IB = 0.5mA
-
0.25
IC = 100mA, IB = 5mA
0.3
-
Base Emitter On Voltage
VBE (on)*
IC = 2mA, VCE = 5V
0.55
-
0.75
Base Emitter Saturation Voltage
VBE (Sat)*
IC = 10mA, IB = 0.5mA
-
0.9
IC = 100mA, IB = 5mA
0.9
-
DC Current
hFE*
IC = 10µA, VCE = 5V
30
-
-
-
IC = 2mA, VCE = 5V
110
250
IC = 10mA, VCE = 5V
-
160
-
Small Signal Current Gain
hfe
IC = 2mA, VCE = 5V,
f = 1kHz
125
-
260
IC = 10mA, VCE = 5V,
f = 20MHz
-
7.5
-
Dynamic Characteristics
Collector Base Capacitance
Ccbo
IE = 0, VCB = 5V
-
-
6
pF
Emitter Base Capacitance
Cebo
IC = 0, VEB = 0.5V
15
pF
Noise Figure
NF
VCE = 5V, IC = 200µA
Rg = 2kΩ, f = 1kHz
B = 200Hz
10
dB
Electrical Characteristics: (TA = +25°C unless otherwise specified)
*Pulsed: Pulse Duration = 300μs, Duty Cycle = 1%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com