Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC138APW Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC138APW
Description  SN74LVC138A 3-Line to 8-Line Decoders Demultiplexers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC138APW Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC138APW Datasheet HTML 1Page - Texas Instruments SN74LVC138APW Datasheet HTML 2Page - Texas Instruments SN74LVC138APW Datasheet HTML 3Page - Texas Instruments SN74LVC138APW Datasheet HTML 4Page - Texas Instruments SN74LVC138APW Datasheet HTML 5Page - Texas Instruments SN74LVC138APW Datasheet HTML 6Page - Texas Instruments SN74LVC138APW Datasheet HTML 7Page - Texas Instruments SN74LVC138APW Datasheet HTML 8Page - Texas Instruments SN74LVC138APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
2
3
4
A
B
C
D
E
SN74LVC138A . . . RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
Y0
Y1
Y2
Y3
Y4
Y5
B
C
G2A
G2B
G1
Y7
B
A
VCC
Y0
Y7
GND
C
G2B
3
2
1
4
Y1
5
Y2
6
16
7
15
9
10
11
12
13
G1
8
14
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
NC
Y3
Y4
C
G2A
NC
G2B
G1
SN54LVC138A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
G2A
G2B
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
SN54LVC138A . . . J OR W PACKAGE
SN74LVC138A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
3
SN54LVC138A, SN74LVC138A
www.ti.com
SCAS291W – MARCH 1993 – REVISED OCTOBER 2016
Product Folder Links: SN54LVC138A SN74LVC138A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
SN54LVC138A...RSV PACKAGE
(TOP VIEW)
(1)
NC - No internal connection
GQN OR ZQN PACKAGE
(TOP VIEW)
Table 1. Pin Assignments for ZQN (BGA)
1
2
3
4
A
B
A
VCC
Y0
B
C
NC(1)
NC(1)
Y1
C
G2B
G2A
Y3
Y2
D
G1
NC(1)
NC(1)
Y4
E
GND
Y7
Y6
Y5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com