Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC74APW Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC74APW
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC74APW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC74APW Datasheet HTML 3Page - Texas Instruments SN74LVC74APW Datasheet HTML 4Page - Texas Instruments SN74LVC74APW Datasheet HTML 5Page - Texas Instruments SN74LVC74APW Datasheet HTML 6Page - Texas Instruments SN74LVC74APW Datasheet HTML 7Page - Texas Instruments SN74LVC74APW Datasheet HTML 8Page - Texas Instruments SN74LVC74APW Datasheet HTML 9Page - Texas Instruments SN74LVC74APW Datasheet HTML 10Page - Texas Instruments SN74LVC74APW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
5.8 Timing Requirements: SN74LVC74A, –40°C to 125°C and –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted; see Parameter Measurement Information)
MIN
MAX UNIT
fclock
Clock frequency
TA = –40°C to
125°C
VCC = 2.7 V
83
MHz
VCC = 3.3 V ± 0.3 V
100
TA = –40°C to 85°C and VCC = 3.3 V ± 0.3 V
150
tw
Pulse duration
PRE or CLR low
VCC = 2.7 V or 3.3 V
3.3
ns
CLK high or low
VCC = 2.7 V or 3.3 V
3.3
tsu
Setup time before CLK↑
Data
TA = –40°C to 125°C
VCC = 2.7 V
3.4
ns
VCC = 3.3 V ± 0.3 V
3
TA = –40°C to 85°C and VCC = 3.3 V ± 0.3 V
3
PRE or CLR
inactive
TA = –40°C to 125°C
VCC = 2.7 V
2.2
VCC = 3.3 V ± 0.3 V
2
TA = –40°C to 85°C and VCC = 3.3 V ± 0.3 V
2
th
Hold time, data after
CLK↑
VCC = 2.7 V or 3.3 V
1
ns
5.9 Switching Characteristics: SN54LVC74A
over recommended operating free-air temperature range (unless otherwise noted; see Parameter Measurement Information)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
fmax
Maximum clock
frequency
—
—
VCC = 2.7 V
83
MHz
VCC = 3.3 V ± 0.3 V
100
tpd
Propagation (delay)
time
CLK
Q or Q
VCC = 2.7 V
6
ns
VCC = 2.7 V
1
5.2
PRE or CLR
VCC = 3.3 V ± 0.3 V
6.4
VCC = 3.3 V ± 0.3 V
1
5.4
5.10 Switching Characteristics: SN74LVC74A
over recommended operating free-air temperature range (unless otherwise noted; see Parameter Measurement Information)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
fmax
Maximum clock
frequency
—
—
83
MHz
tpd
Propagation (delay)
time
CLK PRE
Q or Q
VCC = 1.8 V ± 0.15 V
1
7.1
ns
VCC = 2.5 V ± 0.2 V
1
4.4
or CLR
VCC = 1.8 V ± 0.15 V
1
6.9
VCC = 2.5 V ± 0.2 V
1
4.6
www.ti.com
SN54LVC74A, SN74LVC74A
SCAS287W – JANUARY 1993 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com