Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC86APW Datasheet(PDF) 20 Page - Texas Instruments

Part # SN74LVC86APW
Description  SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC86APW Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74LVC86APW Datasheet HTML 16Page - Texas Instruments SN74LVC86APW Datasheet HTML 17Page - Texas Instruments SN74LVC86APW Datasheet HTML 18Page - Texas Instruments SN74LVC86APW Datasheet HTML 19Page - Texas Instruments SN74LVC86APW Datasheet HTML 20Page - Texas Instruments SN74LVC86APW Datasheet HTML 21Page - Texas Instruments SN74LVC86APW Datasheet HTML 22Page - Texas Instruments SN74LVC86APW Datasheet HTML 23Page - Texas Instruments SN74LVC86APW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Nov-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9761901Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
SN74LVC86AD
D
SOIC
14
50
506.6
8
3940
4.32
SN74LVC86AD.B
D
SOIC
14
50
506.6
8
3940
4.32
SN74LVC86ADG4
D
SOIC
14
50
506.6
8
3940
4.32
SN74LVC86ANS.B
NS
SOP
14
50
530
10.5
4000
4.1
SN74LVC86APW
PW
TSSOP
14
90
530
10.2
3600
3.5
SN74LVC86APW.B
PW
TSSOP
14
90
530
10.2
3600
3.5
SN74LVC86APWE4
PW
TSSOP
14
90
530
10.2
3600
3.5
SN74LVC86APWG4
PW
TSSOP
14
90
530
10.2
3600
3.5
SNJ54LVC86AFK
FK
LCCC
20
55
506.98
12.06
2030
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com